PART |
Description |
Maker |
MC74LCX374 ON1565 MC74LCX374M MC74LCX374SD 74LCX37 |
Octal Buffers And Line Drivers With 3-State Outputs 20-TSSOP -40 to 85 低电压CMOS八进制D型触发器 From old datasheet system LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
AD7228ATQ3 AD7228AUQ AD7228 AD7228A AD7228ABR AD72 |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP24 LC2MOS Octal 8-Bit DAC LC2MOS八进位DAC LC2MOS Octal 8-Bit DAC Mount Packages LC2MOS Octal 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
74LCX373SJX 74LCX373MTC 74LCX373MTCXNL |
Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs LVC/LCX/Z SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal Buffers And Line Drivers With 3-State Outputs 20-SO -40 to 85
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
74LCX540MTC 74LCX540WM 74LCX540 74LCX540BQX 74LCX5 |
Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP -40 to 85
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
SL74HC534 SL74HC534D SL74HC534N HC534 |
Octal 3-State Inverting D Flip-Flop(High-Performance Silicon-Gate CMOS) Voltage Regulator IC; Package/Case:3-TO-3; Current Rating:1.5A; Output Voltage Max:-12V; Voltage Regulator Type:Fixed Voltage; Mounting Type:Through
|
System Logic Semiconduc... SLS[System Logic Semiconductor] System Logic Semiconductor Co., Ltd.
|
ADG71402 ADG714 ADG715 ADG714BRU ADG715BRU |
CMOS, Low Voltage Serially Controlled, Octal SPST Switches CMOS, Low Voltage, SPI/QSPI/Mircowire Compatible Interface, Serially Controlled, Octal SPST Switches CMOS, Low Voltage, I2C Compatible Interface, Serially Controlled, Octal SPST Switches
|
Analog Devices
|
M74HC273RM13TR M74HC273TTR M74HC273 M74HC273B1R M7 |
OCTAL D TYPE FLIP FLOP WITH CLEAR OCTAL D TYPE FLIP FLOP WITH CLEAR 12-Bit, 3 us DAC, Serial Input, Pgrmable Settling Time/Power Consump., Voltage O/P Range=2x VRef. 8-SOIC -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
BT137S-500E BT137S-600E BT137MSERIESE BT137M-600E |
Triacs sensitive gate Transient Voltage Suppressor Diodes Octal Buffers and Line Drivers with 3-State Outputs 20-CDIP -55 to 125 Octal Buffers and Line Drivers with 3-State Outputs 20-CFP -55 to 125 Octal Buffers/Drivers with 3-State Outputs 20-CDIP -55 to 125 DIODE ZENER TRIPLE ISOLATED 200mW 16.2Vz 5mA-Izt 0.0556 0.1uA-Ir 11.2 SOT-363 3K/REEL
|
PHILIPS[Philips Semiconductors] NXP
|
BXA40-48SS2V9SM-SM BXA40-48S3V3SM-SM BXA40-24S3V3S |
Low voltage CMOS 16-bit bus transceiver with 5V tolerant inputs and output (3-state) Low volt. CMOS octal bus transceiver/register with 5 volt tolerant inputs and outputs (3-state) Octal D-type flip-flop high performance Low voltage CMOS quad 2-input OR gate high performance Low voltage CMOS dual D-type flip flop with 5 V tolerant inputs Low voltage CMOS quad exclusive OR gate high performance 模拟IC Analog IC 模拟IC Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs 模拟IC
|
Electronic Theatre Controls, Inc. Amphenol, Corp.
|
74LCX240TTR 74LCX240 74LCX240M 74LCX240MTR |
LOW VOLTAGE CMOS OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
74LCX240 74LCX24004 74LCX240MTR 74LCX240TTR |
LOW VOLTAGE CMOS OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
74LVQ244 4687 74LVQ244T 74LVQ244M |
LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON-INVERTED From old datasheet system LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON-INVERTED)
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|