PART |
Description |
Maker |
RD38F1010C0ZBL0 RD38F1020C0ZBL0 |
32-Mbit, 3 Volt advanced boot block fflash memory (C3) stacked-chip scale package family, 70ns
|
Intel
|
28F3204C3 |
3 V Advanced Stacked Chip Scale Package Memory(3V高级堆芯片封装存储器) 3伏高级堆叠芯片级封装存储器(3V的高级堆芯片封装存储器)
|
Intel, Corp.
|
S71WS512N80BAIZZ3 S71WS512N80BFIZZ0 S71WS512N80BFI |
Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM CMOS 1.8 Volt
|
SPANSION[SPANSION]
|
AM49DL320BGB701T AM49DL320BGT701T AM49DL320BGT701S |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous 堆叠式多芯片封装(MCP)闪存和SRAM2兆位个M × 8 2米x 16位).0伏的CMOS只,同时 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous 堆叠式多芯片封装(MCP)闪存和SRAM2兆位4个M × 8 2米x 16位).0伏的CMOS只,同时 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Pseudo Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion, Inc. Spansion Inc. ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
AM42DL640AG85IS AM42DL640AG AM42DL640AG25IT AM42DL |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
|
SPANSION Advanced Micro Devices
|
S70WS512N00BFWA23 S70WS512N00BAWAB3 S70WS512N00BAW |
Same-Die Stacked Multi-Chip Product (MCP) 512 Megabit (32M x 16 bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst-mode Flash Memory 同硅晶片堆叠多芯片产品(MCP)的512兆位2兆16位)的CMOS 1.8伏,只有同时写,突发模式闪存
|
Spansion Inc. Spansion, Inc.
|
AM49DL32XBGB70IT AM49DL322BGB70 AM49DL322BGT85 AM4 |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
AM70PDL127CDH66IT AM70PDL127CDH85IS AM70PDL127CDH8 |
Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP) 堆叠式多芯片封装(MCP / XIP)的快闪记忆体,数据存储的MirrorBit闪存和移动存储芯片(XIP)的 Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP) SPECIALTY MEMORY CIRCUIT, PBGA93 2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS 2 × 64兆位米16位)的CMOS 3.0伏特,只有页面模式闪存数据存28兆位米16位)的CMOS
|
Spansion Inc. Spansion, Inc.
|
S71WS512ND0BAWAN3 S71WS512ND0BAWAP0 S71WS256ND0BAW |
Stacked Multi-Chip Product (MCP) Stacked Multi-Chip Product (MCP) SPECIALTY MEMORY CIRCUIT, PBGA84
|
http:// SPANSION[SPANSION] Spansion, Inc.
|
M49000004E AM49BDS640AH AM49BDS640AHD8I AM49BDS640 |
Stacked Multichip Package (MCP), Flash Memory and pSRAM CMOS 1.8 Volt-only Simultaneous Read/Write
|
SPANSION[SPANSION]
|
LRS1830 |
Stacked Chip
|
SHARP
|
C2220C105MCR2L7186 |
Stacked Chip
|
Kemet Corporation
|