PART |
Description |
Maker |
FDP75N08A |
N-Channel UniFETTM MOSFET 75V, 75A, 11m 75V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF2807 IRF2807PBF |
75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=75V, Id=82A? Power MOSFET(Vdss=75V/ Id=82A)
|
International Rectifier
|
STB75NF75T4 STB75NF75 STP75NF75 STP75NF75FP |
N-channel 75V - 0.0095Ω - 80A - TO-220 - TO-220FP - D2PAK STripFET II Power MOSFET N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D2PAK STripFET II POWER MOSFET N-channel 75V - 0.0095ヘ - 80A - TO-220 - TO-220FP - D2PAK STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
STB75NF75 STP75NF75 P75NF STP75NF75F STBB75NF75 ST |
N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D?PAK STripFETII POWER MOSFET N-CHANNEL MOSFET N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D??AK STripFET??II POWER MOSFET N-CHANNEL 75V - 0.0095 ohm - 80A TO-220 / TO-220 FP/D PAK StripFET II POWER MOSFET N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D?PAK STripFET⑩ II POWER MOSFET N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/DPAK STripFET II POWER MOSFET N-CHANNEL 75V - 0.0095 OHM - 80A TO-220/TO-220FP/D2PAK STRIPFET II POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics ??????浣?
|
FSF2510 FSF2210 FSN1410 FSN1606 IRF540 |
N Channel MOSFET; Package: TO-254; trr (nsec): 600; t(on) (nsec): 100; ID (A): 25; RDS(on) (Ohms): 0.07; PD (W): 125; BVDSS (V): 100; Rq: 1; VSD (V): 2.3 SMALL SIGNAL, FET N Channel MOSFET; Package: TO-254; trr (nsec): 300; t(on) (nsec): 23; ID (A): 22; RDS(on) (Ohms): 0.1; PD (W): 100; BVDSS (V): 100; Rq: 1.3; VSD (V): 2.5 22 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET N Channel MOSFET; Package: TO-257; trr (nsec): 250; t(on) (nsec): 14; ID (A): 14; RDS(on) (Ohms): 0.18; PD (W): 50; BVDSS (V): 100; Rq: 2; VSD (V): 2.5 14 A, 100 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET N Channel MOSFET; Package: TO-257; trr (nsec): 220; t(on) (nsec): 21; ID (A): 16; RDS(on) (Ohms): 0.07; PD (W): 50; BVDSS (V): 60; Rq: 2; VSD (V): 1.8 16 A, 60 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 100 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp. STMicroelectronics N.V. MICROSEMI CORP
|
IRF7NA2907 |
75V Single N-Channel Hi-Rel MOSFET in a SMD-2 package SURFACE MOUNT (SMD-2) 75V, N-CHANNEL HEXFET POWER MOSFET SURFACE MOUNT (SMD-2)
|
IRF[International Rectifier]
|
IRF3007S IRF3007L |
75V Single N-Channel HEXFET Power MOSFET in a TO-262 package 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 75V的单个N -沟道HEXFET功率MOSFET的一D2 - PAK封装
|
International Rectifier NEC, Corp.
|
FSM75N75 FSM75N75T |
N-CHANNEL 75V 0.0097Ω 80A POWER MOSFET N-CHANNEL 75V 0.0097ヘ 80A POWER MOSFET
|
FOSLINK SEMICONDUCTOR CO.,LTD
|
CDST-4148-HF CDST-16-HF |
Halogen Free Switching Diodes Array, V-RRM=75V, V-R=75V, P-D=225mW, I-F=200mA
|
Comchip Technology
|
STB75NF75L STB75NF75L-1 STP75NF75L P75NF STB75NF75 |
N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET N-CHANNEL 75V - 0.009 OHM - 75A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET⑩ II POWER MOSFET N-CHANNEL MOSFET N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFETII POWER MOSFET 75 A, 75 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
CDSV6-756-G12 CDSV6-756-G |
Switching Diodes Array, V-RRM=75V, V-R=75V, P-D=200mW, I-F=150mA SMD Switching Diode Arrays
|
Comchip Technology
|
HFS35N75 |
75V N-Channel MOSFET
|
SemiHow Co.,Ltd.
|