PART |
Description |
Maker |
PLS100 PLS101N PLS101A PLS101 |
Programmable logic arrays 16 ??48 ??8 Programmable logic arrays 16 48 8 (PLS100 / PLS101) Programmable logic arrays 16 x 48 x 8 Programmable logic arrays 16 48 8 Programmable logic arrays 16 】 48 】 8 Programmable logic arrays 16 × 48 × 8
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
MACH111SP MACH231-14JI/1 MACH131-14JI/1 MACH131-5J |
EMITTER IR 880NM 5MM SMD RADIAL SUR ABSORBER 7MM 430V 1250A ZNR High-Performance EE CMOS Programmable Logic EE PLD, 14 ns, PQCC44 High-Performance EE CMOS Programmable Logic EE PLD, 7.5 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 14 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC68 High-Performance EE CMOS Programmable Logic EE PLD, 10 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 7.5 ns, PQCC68 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQFP44 High-Performance EE CMOS Programmable Logic EE PLD, 10 ns, PQFP44 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC44 INDUSTRIAL TO RJ45 CAT5E PATCH CORD 15FT EE PLD, 18 ns, PQCC44 INDUSTRIAL TO INDUSTRIAL CAT6 PATCH CORD 5FT EE PLD, 18 ns, PQCC44 INDUSTRIAL TO RJ45 CAT6 PATCH CORD 20FT EE PLD, 15 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 15 ns, PQCC44 High-Performance EE CMOS Programmable Logic EE PLD, 15 ns, PQFP44 INDUSTRIAL TO RJ45 CAT5E PATCH CORD 20FT EE PLD, 18 ns, PQCC44 RES 3.32K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA RJ45-DB9M (DTE) Silver Mica Capacitor; Capacitance:62pF; Capacitance Tolerance: /- 5%; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
LC5512MC-75F256C LC5512MC-45F256C LC5512MC-75F484C |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLDFamily 3.3.5V1.8V在系统可编程扩展可编程逻辑器件XPLD⑩家 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
M4-192/96-12VI M4LV-256/128-12AC M4LV-128N/64-10JI |
High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PBGA256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQCC84 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 18 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQCC84 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQCC44 EE PLD, 14 ns, PQCC44 PLASTIC, LCC-44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQFP48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQFP44 EE PLD, 14 ns, PBGA256 BGA-256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PBGA256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 18 ns, PQFP100
|
Lattice Semiconductor, Corp.
|
ATF750LVC ATF750LVC-15JC ATF750LVC-15JI ATF750LVC- |
High-speed Complex Programmable Logic Device EE PLD, 15 ns, PDSO24 High-speed Complex Programmable Logic Device EE PLD, 15 ns, PDIP24 High-speed Complex Programmable Logic Device EE PLD, 15 ns, PQCC28 PS2 TO SUN MD8 FLASH CABL 高速复杂可编程逻辑器件 From old datasheet system
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
XC4000E XC4002XL XC4003E XC4005E XC4005XL XC4006E |
Logic Cell Array Family Shielded Multiconductor Cable; Number of Conductors:15; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes MB 41C 27#20 14#16 PIN PLUG Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes FAN 220AC BISCUIT BT3A1 W/O FG RES, POT 2K 10% .5W 25T CE T.A Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:90A; Switching:Zero Cross; Load Current Min:0.04A RES POT 5K00 PT 25T TA CE 3/8 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000E和XC4000X系列现场可编程门阵列 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP240 High Insulation Power Relay (Sealed 1 Form C 1-Coil Latch) FPGA, 324 CLBS, 6000 GATES, 111 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP176 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 111 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP144 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP144 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP208 Labels; External Height:0.5"; External Width:0.5"; Label Material:Nylon-Cloth FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 238 MHz, PBGA256 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 217 MHz, PBGA256 RESISTOR-VARIABLE,LINEAR 50K,20 TURN,3/8 XC4000E和XC4000X系列现场可编程门阵列 RESISTOR-VARIABLE,LINEAR 20K,20 TURN XC4000E和XC4000X系列现场可编程门阵列 RESISTOR-VARIABLE,LINEAR 100K,20 TURN FPGA, 576 CLBS, 10000 GATES, 217 MHz, PBGA256 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 217 MHz, PQFP100 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 166 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 179 MHz, PQCC84 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000EXC4000X系列现场可编程门阵列 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 200 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP100 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 179 MHz, PQFP160 SureGrip Hook Test Clips; For Use With:Fluke TL222 and TL224 Test Leads; Color:One Red, One Black RoHS Compliant: NA
|
Xilinx, Inc. TE Connectivity, Ltd. XILINX INC
|
OR2T40B-8BA352 |
Field-Programmable Gate Arrays
|
Electronic Theatre Controls, Inc.
|
ATT3000 ATT3020-100H68I ATT3020-100J68I ATT3020-10 |
FIELD-PROGRAMMABLE GATE ARRAYS
|
ETC[ETC]
|
OR4E2 OR4E4 OR4E6 OR4E10 |
Field-Programmable Gate Arrays
|
Agere Systems
|
OR3T80 OR3C55 OR3C80 OR3T125 OR3T20 OR3T30 OR3T55 |
3C and 3T Field-Programmable Gate Arrays
|
AGERE[Agere Systems]
|
TPC1010AFN-044 TPC1010AFN-084 |
CMOS FIELD-PROGRAMMABLE GATE ARRAYS
|
http://
|
|