PART |
Description |
Maker |
TDA4886 |
140 MHz video controller with I 2 C-bus From old datasheet system
|
Philips
|
M62434 M62434FP |
SOUND CONTROLLER FOR TV Tone, Volume and SRS by I2C Bus System
|
Mitsubishi Electric Corporation
|
IDT79RC32134 IDT79RC32V134DSI |
RISCore32300TM Family System Controller Chip IC 32-BIT BUS SWITCH 80-BQSOP
|
Integrated Device Technology, Inc.
|
CT2565-FP CT2565-001-2 |
CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B 2 CHANNEL(S), 1M bps, MIL-STD-1553 CONTROLLER, MQIP78
|
Aeroflex Inc.
|
CY7C09449 |
128K Bit Dual-Port SRAM with PCI Bus Controller From old datasheet system
|
Cypress
|
IOP480-AA60PI IOP480-AA66BI IOP480-AA60BI |
PCI BUS CONTROLLER, PQFP208 30.80 X 30.80 MM, PLASTIC, QFP-208 PCI BUS CONTROLLER, PBGA225 27 X 27 MM, 2.65 MM HEIGHT, PLASTIC, BGA-225
|
PLX Technology, Inc.
|
ISL6441IR ISL6441IR-TK ISL6441IRZ ISL6441IRZ-TK IS |
16-Bit Bus Termination Networks With Bus Hold Function 20-SOIC -40 to 85 DUAL SWITCHING CONTROLLER, 1550 kHz SWITCHING FREQ-MAX, PQCC28 1.4MHZ DUAL, 180 DEGREE OUT-OF-PHASE, STEP-DOWN PWM AND SINGLE LINEAR CONTROLLER
|
Intersil, Corp. Intersil Corporation
|
PCI6152-CC33PC PCI6152-CC33BC |
PCI BUS CONTROLLER, PQFP160 PLASTIC, QFP-160 PCI BUS CONTROLLER, PBGA160 TINY, BGA-160
|
PLX Technology, Inc.
|
WD33C95A |
(WD33C95A / WD33C96A) Small Computer System Interface (SCSI) Ckt - single-ended bus controller
|
Western Digital
|
MB86967 MB86967PFV |
LAN Controller with PC Card, ISA Bus, and General-purpose Bus Interfaces
|
Fujitsu Microelectronics
|
AMIS30623C6239G AMIS30623C623ARG AMIS30623C623BRG |
Stepper Motor Driver and Controller with LIN Bus, Micro-stepping Features and Stall Detection; Package: SOIC-20 Wide Body; No of Pins: 20; Container: Rail; Qty per Container: 38 STEPPER MOTOR CONTROLLER, 0.8 A, PDSO20 Stepper Motor Driver and Controller with LIN Bus, Micro-stepping Features and Stall Detection STEPPER MOTOR CONTROLLER, 0.8 A, QCC32 Stepper Motor Driver and Controller with LIN Bus, Micro-stepping Features and Stall Detection - Automotive Version STEPPER MOTOR CONTROLLER, 0.8 A, QCC32
|
TE Connectivity, Ltd. ON Semiconductor
|