PART |
Description |
Maker |
NMA0512D NMA0512S NMA0515D NMA0515S NMA1212D NMA12 |
Isolated 1W Dual Output DC-DC Converters 2-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS 隔震1W的双输出DC - DC变换
|
C&D TECHNOLOGIES INC Electronic Theatre Controls, Inc. CANDD[C&D Technologies] ETC[ETC] List of Unclassifed Manufacturers
|
P6LU-243R3ZH40 P6LU P6LU-0505ZH40 P6LU-0512ZH40 P6 |
Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-15V ( /-34mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output 4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7 4kV的隔1W的未稳压双输出SIP7
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
P8SG-247R2ZH52 P8SG-0505ZH52 P8SG-053R6ZH52 P8SG-1 |
Input voltage:5V, output voltage /-5V ( /-150mA), 5.2KV isolated 1.5W regulated dual output 5.2 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 5.2千伏隔震1.5糯稳压双输出DIP24 Input voltage:5V, output voltage /-3.6V ( /-200mA), 5.2KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|
PHD32UYY PHD32UDD PHD32UDC PHD32UDB PHD32VDB PHD32 |
PHD32 Series . 32A Non-Isolated DC/DC Converter 5V/ 3.3V Input Dual Output PHD32 Series . 32A Non-Isolated DC/DC Converter 5V 3.3V Input Dual Output Reed Switch; Pull-In Amp Turns Max:19; Pull-In Amp Turns Min:10; Circuitry:SPST-NO; Switching Current Max:0.5A; Switching Voltage Max:180VDC; Mounting Type:PCB; Body Length:13.5mm; Breakdown Voltage Min:180V PHD32系列。第32A非隔离式DC / DC转换器为5V.3V输入双输 PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output PHD32系列。第32A非隔离式DC / DC转换器为5V3.3V输入双输 PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output PHD32系列。第32A非隔离式DC / DC转换器为5V.3V输入双输
|
POWER-ONE[Power-One] Motorola Mobility Holdings, Inc. AME, Inc. Electronic Theatre Controls, Inc. Hitachi,Ltd.
|
RP75-482.5S RP75-483.3S RP75-481.8S RP75-4805S RP7 |
75 Watt Isolated Single & Dual Output 75 Watt Isolated Single & Dual Output 75瓦特的隔离单 75 Watt Isolated Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RS-0505D RS-0509D RS-0509S RS-053.3D RS-053.3S RS- |
2 Watt SIP8 Isolated Single & Dual Output 2 Watt SIP8 Isolated Single & Dual Output 2瓦特SIP8隔离
|
RECOM Power Inc. RECOM Electronic GmbH
|
PZ5LU-1515Z PZ5LU-0505Z PZ5LU-0512Z PZ5LU-0515Z PZ |
PZ5LUxxxxZ 3 KV ISOLATED 0.75 W UNREGULATED DUAL OUTPUT SIP7 PZ5LUxxxxZ 3 KV ISOLATED 0.75 W UNREGULATED DUAL OUTPUT SIP7
|
PEAK[PEAK electronics GmbH]
|
NMV4812D NMV4812DA NMV4812S NMV4812SA NMV4815D NMV |
Photoelectric (Automation) 1-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE 3kVDC Isolated 1W Single & Dual Output DC-DC Converters
|
CANDD[C&D Technologies]
|
BA-0512DD1 BA-1212DD1 BA-2412DD1 BA-053R3D BA-XXXX |
0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
|
Bothhand USA, LP.
|
P6AU-2415E P6AU-0505 P6AU-0505E P6AU-0512E P6AU-05 |
Input voltage:5V, output voltage 3.3V (300mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 15V (70mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4 1KV交隔W的未稳压单输出学校改善工 Input voltage:5V, output voltage 12V (100mA), 1KV isolated 1W unregulated single output
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
24D12.500 |
Dual Output Isolated DC/DC converter (Out
|
Calex Electronics Limited
|
X7AH-07A1A0 S7AH-07A1A0 V7AH-07A1A0 |
NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 1-OUTPUT 23.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 非隔离式DC / DC转换2 V输入0.9 V.3 7 A输出
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|