PART |
Description |
Maker |
NE555 |
<font color=red>[Old version datasheet]</font> Precision Timers
|
TI store
|
STR710F STR711FR0H6 STR712FR0H6 STR715FR0H6 STR712 |
ARM7TDMI16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES 16/32位微控制器ARM7TDMI的⑩5定时器,ADC0 COMMUNICAT离子接口与闪存,USB,可 ARM7TDMI?/a> 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI?/a> 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
|
STMicroelectronics N.V. 意法半导
|
CA20C03A20EP CA20C03A-20IP CA20C03A-20IN CA20C03A2 |
N-CHANNEL 550V @Tjmax - 2.5 Ohm - 3A DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET Dual 2-input NAND gate DUAL 2-INPUT OPEN DRAIN NAND GATE Dual bilateral switch 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI 数据加密处理 ST7LITE2 - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 数据加密处理 Dual 2-input exclusive OR gate 数据加密处理
|
Belden, Inc. 3M Company
|
BUT11/B BUT11A/B |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 双极晶体管HOCHSPANNUNG
|
NXP Semiconductors N.V.
|
LM555CN LM555C CA0555CM96 CA0555CE CA0555CM CA0555 |
Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment CAP 25V 4700UF ELECT AXIAL Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment 计时器的时间延误和商业,工业和军事振荡器应用设备
|
Harris Semiconductor HARRIS[Harris Corporation] Harris, Corp.
|
LMP7300 LMP7300MA LMP7300MAX LMP7300MM |
Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
|
http://
|
PMB01 |
Timers Multifunction
|
Carlo Gavazzi
|
TL431 TL431ACDG TL431ACDM TL431ACDMR2 TL431ACDR2 T |
Adjustable precision shunt regulators PROGRAMMABLE PRECISION REFERENCES 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PDSO8
|
Philips ONSEMI[ON Semiconductor]
|
ISL60007BIB825 ISL60007CIB825 ISL60007CIB812 ISL60 |
GT 14C 14#16 SKT RECP BOX Precision 1.25V and 2.50V, 1.08?-Watt, High Precision FGA Voltage References Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
|
Intersil Corporation
|
RE9MSXXXX |
(RE9 Series) Timers
|
Telemecanique
|
C108220600 C101024006 C101024060 C101024600 C10112 |
Timers Symmetrical Recycler
|
List of Unclassifed Man... ETC[ETC] List of Unclassifed Manufacturers http://
|