PART |
Description |
Maker |
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2N4236 2N4234 2N4031 2N4032 2N4033 2N4036 2N4037 2 |
SMALL SIGNAL TRANSISTORS Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... Central Semiconductor Corp. Seme LAB CENTRAL[Central Semiconductor Corp]
|
2N3509 2N5581 2N2605 2N3737 2N3485A 2N3648 2N3486A |
Small Signal Transistors 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-46
|
Central Semiconductor C... CENTRAL[Central Semiconductor Corp] Central Semiconductor, Corp.
|
2PD602AQL 2PD602AQL_DG 2PD602ARL 2PD602ARL_DG 2PD6 |
50 V, 500 mA NPN general-purpose transistors SMALL SIGNAL TRANSISTOR, TO-236AB SMALL SIGNAL TRANSISTOR, TO-236AB PLASTIC PACKAGE-3
|
NXP Semiconductors N.V.
|
SST4401 MMST4401 |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) NPN Medium Power Transistor
|
Rohm
|
MMSTA06 SSTA06 MPSA06 |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) NPN General Purpose Transistor
|
ROHM[Rohm]
|
2SD2652 |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) General purpose amplification
|
Rohm
|
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
2SD2657K |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) From old datasheet system
|
ROHM
|
BSS192P |
Low Voltage MOSFETs - Small Signal MOSFET, -250V, SOT-89, RDSon = 12 SIPMOS Small-Signal-Transistor OptiMOS -P Small-Signal-Transistor
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
MMBTA0511 MMBTA05-TP |
NPN Small Signal General Purpose Amplifier Transistors TRANSISTOR NPN GP 60V SOT23 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Micro Commercial Components, Corp.
|
|