PART |
Description |
Maker |
LC4013B |
Dual D-Type Filp-Flop
|
Sanyo Electric
|
74AC175 74AC175MTC 74AC175PC 74AC175SC 74AC175SJ 7 |
From old datasheet system Quad D-Type Flip-Flop IC FLIP FLOP D TYPE POSITIVE-EDGE QUAD 16TSSOP T/R Microprocessor-Compatible, 14-Bit DACs AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16
|
Fairchild Semiconductor, Corp.
|
74ACTQ574PC 74ACQ574 74ACQ574PC 74ACQ574SC 74ACQ57 |
Quiet Series Octal D Flip-Flop with 3-STATE Outputs Quiet SeriesOctal D-Type Flip-Flop with 3-STATE Outputs 18-Bit LVTTL-to-GTLP Bus Transceiver with Source Synchronous Clock Outputs 56-TSSOP -40 to 85 Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs Quiet Series⑩ Octal D-Type Flip-Flop with 3-STATE Outputs From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74VHC74MTC 74VHC74N 74VHC74SJ 74VHC74 74VHC74MTCX |
Dual D-Type Flip-Flop 双D型触发器 Supervisor Push-Pull Active High, -40C to 85C, 3-SOT-23, T/R Dual D-Type Flip-Flop with Preset and Clear
|
Fairchild Semiconductor, Corp.
|
74ALVC16374 74ALVC16374GX 74ALVC16374MTD 74ALVC163 |
16-Bit D-Type Flip-Flop 16D型触发器 From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
|
ON Semiconductor Fairchild Semiconductor
|
CD40175BMS FN3360 |
CMOS Quad D Type Flip-Flop(CMOS D触发 的CMOSD型触发器触发器的CMOS四) CMOS Quad ‘D’ Type Flip-Flop From old datasheet system CMOS Quad ??Type Flip-Flop CMOS Quad ‘D Type Flip-Flop
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
M74HC273RM13TR M74HC273TTR M74HC273 M74HC273B1R M7 |
OCTAL D TYPE FLIP FLOP WITH CLEAR OCTAL D TYPE FLIP FLOP WITH CLEAR 12-Bit, 3 us DAC, Serial Input, Pgrmable Settling Time/Power Consump., Voltage O/P Range=2x VRef. 8-SOIC -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
UTV005P |
UHF TV 470-860 MHz, Class A, Common Emitter; fO (MHz): 860; P(out) (W): 0.5; Gain (dB): 10; Vcc (V): 20; ICQ (A): 0.22; IMD Type (dB): -60; Case Style: 55FU-2 UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.5 Watts, 20 Volts, Class A UHF Television - Band IV & V
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
2SC4245 |
Transistor Silicon NPN Epitaxial Planar Type TV Tuner, UHF Mixer Applications VHF~UHF Band RF Amplifier Applications
|
TOSHIBA
|
KIC7WZ74FK |
D Flip Flop SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(D-TYPE FLIP FLOP WITH PRESET AND CLEAR)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
74LCXH162374MTX 74LCXH162374 74LCXH162374GX 74LCXH |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26з Series Resistors in Outputs LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|