PART |
Description |
Maker |
EBE51ED8AGFA-5C-E EBE51ED8AGFA-6E-E EBE51ED8AGFA-4 |
512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank) LJT 24C 12#16 12#12 SKT PLUG
|
Elpida Memory, Inc.
|
DS1033 DS1033-10 DS1033-12 DS1033-15 DS1033-20 DS1 |
3-in-1 Low Voltage Silicon Delay Line SILICON DELAY LINE, TRUE OUTPUT, PDSO8 MB 31C 31#16 SKT PLUG 31低压硅延迟线 MB 41C 41#20 SKT PLUG MB 61C 61#20 PIN PLUG
|
Maxim Integrated Products, Inc. TE Connectivity, Ltd. DALLAS[Dallas Semiconductor] Dallas Semiconducotr MAXIM - Dallas Semiconductor
|
UPD78310AGQ-36 UPD78310AGQA-36 UPD78310AGF-3BE UPD |
LJT 5C 5#20 PIN RECP 16 / 8位单片机 16/8 BIT SINGLE-CHIP MICROCOMPUTER 16 / 8位单片机 Circular Connector; No. of Contacts:61; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-61 RoHS Compliant: No LJT 6C 6#20 SKT RECP
|
http:// NEC, Corp. NEC Corp.
|
ZL10100/LDG1 ZL10100/DDE1 ZL10100/DDF1 ZL10100/LDF |
ER 4C 4#16 SKT PLUG SPECIALTY CONSUMER CIRCUIT, QCC28 ER 3C 3#16 SKT PLUG Single Chip Synthesized Downconverter with IF Amplifier
|
Zarlink Semiconductor, Inc. Zarlink Semiconductor Inc.
|
28C16A 27C16AT-25VS 27C16A-15IL 27C16A-15IP 27C16A |
16K (2K x 8) CMOS EEPROM Capacitive Proximity Sensor; Sensor Input Type:Capacitive; Sensing Range Max:10mm; Sensor Output:AC LO; Switch Terminals:Cable; Leaded Process Compatible:No; Load Current Max:500mA; Peak Reflow Compatible (260 C):No RoHS Compliant: No Circular Connector; No. of Contacts:11; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-11 RoHS Compliant: No Circular Connector; No. of Contacts:11; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:21-11 RoHS Compliant: No LJT 66C 66#22D SKT PLUG LJT 79C 79#22D SKT PLUG The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
104-232 104-230 104-234 104-238 104-236 104-222 10 |
VGA MALE TO FEMALE 50 METRE LEAD VGA PLUG-PLUG 2M LEAD VGA PLUG-PLUG 6M LEAD VGA PLUG-PLUG 3M LEAD VGA PLUG-SKT 3M LEAD VGA PLUG-SKT 10M LEAD VGA PLUG-SKT 6M LEAD VGA PLUG-SKT 20M LEAD VGA PLUG-PLUG 10M LEAD VGA PLUG-PLUG 20M LEAD VGA PLUG-PLUG 30M VGA MALE TO MALE 50 METRE LEAD VGA PLUG-SKT 30M 铅VGA插头,SK电讯3000
|
SCHURTER AG
|
KA5S KA5S0965-YDTU KA5S09654QT-YDTU KA5S12656-YDTU |
Fairchild Power Switch(FPS) 49 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSFM5 ACB 6C 6#16S PIN PLUG AC 6C 6#16S SKT PLUG AC 2C 2#16S SKT PLUG
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
MC74F657B MC74F657A ON1318 MC74F657ADW/BDW MC74F65 |
LJT 37C 37#22D SKT WALL RECP JT 18C 18#20 SKT WALL RECP From old datasheet system OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
|
Motorola, Inc. ON Semi
|
AM50-0003 AM50-0003RTR AM50-0003SMB AM50-0003TR AM |
High Dynamic Range Low Noise Amplifier 800-1000 MHz LJT 128C 128#22D SKT WALL RECP
|
MACOM[Tyco Electronics]
|
A62S7308BX-55SI A62S7308BM-55S A62S7308BM-55SI A62 |
128K X 8 BIT LOW VOLTAGE CMOS SRAM ER 26C 26#16 PIN PLUG ER 26C 26#16 SKT PLUG
|
http:// AMIC Technology Corporation
|
AF239S Q62701-F51 SIEMENSAG-Q62701-F51 |
LJT 41C 41#16 SKT WALL RECP PNP GERMANIUM RF TRANSISTOR
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|