PART |
Description |
Maker |
MC10H109FNR2 MC10H131 MC100EP140 MC100E155FN MC100 |
Dual 4-5-Input OR/NOR Gate Dual Type D Master-Slave Flip-Flop 3.3V ECL Phase-Frequency Detector 5V ECL 6-Bit 2:1 Mux Latch 5V ECL Differential Data and Clock D Flip-Flop 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver ECL/TTL Clock Driver 3.3V / 5V 2-Input Differential AND/NAND 5V ECL 2:1 Multiplexer 3.3V / 5V ECL JK Flip Flop 3.3V ECL 1:4 ÷ 1/÷ 2 Clock Fanout Buffer 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator Dual 2-Bit Adder/Subtractor
|
ON Semiconductor
|
MM88C30N MM88C29 MM88C29N MM88C30 MM88C30M MM88C30 |
Dual Differential Line Driver DUAL LINE DRIVER, PDSO14 Quad Single-Ended Line Driver . Dual Differential Line Driver From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NB4N111KMNR4G NB4N111KMNG |
3.3V Differential In 1:10 Differential Fanout Clock Driver with HCSL Level Output
|
ON Semiconductor
|
AD815ARB-24 AD815ARB-24-REEL AD815AVR AD815AY AD81 |
18V; 20mA; high output current differential driver. For ADSL, HDLS and VDSL line interface driver, coil or transformer driver ER 3C 3#12 SKT RECP LINE DRIVER, PDSO24
|
AD[Analog Devices] Analog Devices, Inc.
|
IDTCSPT857CPAGI IDTCSPT857CBV IDTCSPT857CPFI IDTCS |
2.5V - 2.6V PLL Differential 1:10 SDRAM Clock Driver 2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
|
IDT[Integrated Device Technology]
|
NB4N111K |
3.3V Differential In 1:10 Differential Fanout Clock Driver
|
ON Semiconductor
|
NB4N121KMNG NB4N121KMNR2G |
3.3V Differential In 1:21 Differential Fanout Clock Driver with HCSL level Output PECL TO CML TRANSLATOR, COMPLEMENTARY OUTPUT, QCC52
|
Rectron Semiconductor
|
IDTCSPT857CPAI IDTCSPT857CPFI |
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER 2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO48
|
Integrated Device Technology, Inc.
|
ADA4939-1 ADA4939-1YCPZ-R2 ADA4939-1YCPZ-R7 ADA493 |
Ultralow Distortion Differential ADC Driver; No of Pins: 24; Temperature Range: Industrial DUAL LINE DRIVER, QCC24 Ultralow Distortion Differential ADC Driver; No of Pins: 16; Temperature Range: Industrial LINE DRIVER, QCC16
|
ANALOG DEVICES INC Analog Devices, Inc.
|
TDA7237 4288 |
QUAD DIFFERENTIAL LINE DRIVER From old datasheet system QUAD DIFFERENTIAL LINE DRIVER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AD8138_06 AD8138AR AD8138ARM AD8138ARM-REEL AD8138 |
LINE DRIVER, PDSO8 Low Distortion Differential ADC Driver; Package: MSOP; No of Pins: 8; Temperature Range: Industrial
|
ANALOG DEVICES INC http:// AD[Analog Devices]
|
ADN2526 ADN2526ACPZ ADN2526ACPZ-R2 ADN2526ACPZ-R7 |
11.3 Gbps Active Back-Termination, Differential Laser Diode Driver 11.3 Gbps Active Back-Termination Differential Laser Diode Driver; Package: 16-LFCSP (3x3mm, 1.50mm exposed pad); Temperature Range: -40°C to 125°C SPECIALTY INTERFACE CIRCUIT, QCC16
|
Analog Devices, Inc.
|