PART |
Description |
Maker |
LTC1682IMS8-5 LTC1682CMS8 LTC1682CS8 LTC1682CS8-3. |
Doubler Charge Pumps with Low Noise Linear Regulator; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Replaced by TLV5618A : Dual 12-Bit DAC, Pgrmable 8-SOIC Doubler Charge Pumps with Low Noise Linear Regulator(5V杈??锛?甫浣??澹扮嚎?хǔ??????????佃?娉旦
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC1682IS8-3.3TRPBF |
Doubler Charge Pumps with Low Noise Linear Regulator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C
|
LINEAR TECHNOLOGY CORP
|
MAX682 MAX682ESA MAX683 MAX684EUA MAX683EUA MAX684 |
From old datasheet system 3.3V-Input to Regulated 5V-Output Charge Pumps(3.3V输入电压,可调,5V输出电荷 3.3V-Input to Regulated 5V-Output Charge Pumps 0.1 A SWITCHED CAPACITOR REGULATOR, 1300 kHz SWITCHING FREQ-MAX, PDSO8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX1852 MAX1852EXT MAX1853EXT MAX1853 |
SC70 Inverting Charge Pumps with Shutdown
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX1912 MAX1910 MAX1910-MAX1912 |
From old datasheet system 1.5x/2x High-Efficiency White LED Charge Pumps
|
MAXIM - Dallas Semiconductor
|
LTC3217EUDTR |
600mA Low Noise Multi-LED Camera Light Charge Pumps; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR CONVERTER, 1150 kHz SWITCHING FREQ-MAX, PQCC16
|
Linear Technology, Corp.
|
LX1882-33CDM LX1882-33CDU LX1882-00CDM LX1882-00CD |
Charge Pump Doubler with Linear Regulator Charge Pump 电荷
|
Microsemi Corporation Microsemi, Corp.
|
MAX8630YETD15 MAX8630YETD20 |
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
|
MAXIM - Dallas Semiconductor
|
SC1462AISKTR |
High Efficency Charge Pump Doubler
|
Semtech Corporation
|
CAT661EVA-T3 CAT661ELA CAT661EVA |
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
|
ON Semiconductor
|
CAT661 |
High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
|
ON Semiconductor
|