PART |
Description |
Maker |
FDP18N20F FDPF18N20FT |
N-Channel UniFETTM FRFETMOSFET 200V, 18A, 140m N-Channel MOSFET 200V, 18A, 0.14楼? N-Channel MOSFET 200V, 18A, 0.14Ω
|
Fairchild Semiconductor
|
FQB5N20L FQI5N20L FQI5N20 FQI5N20LTU |
200V LOGIC N-Channel MOSFET 4.5 A, 200 V, 1.25 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA 200V N-Channel Logic Level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQT5N20 |
TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 1A I(D) | SOT-223 晶体管| MOSFET的| N沟道| 200伏五(巴西)直| 1A条(丁)|的SOT - 223 200V N-Channel MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRF9240 |
CAP CER 250VAC 100PF X7R 1808 11 A, 200 V, 0.5 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-204AA -11A, -200V, 0.500 Ohm, P-Channel Power MOSFET -11A -200V 0.500 Ohm P-Channel Power MOSFET 11A/ -200V/ 0.500 Ohm/ P-Channel Power MOSFET
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IRF240 |
200V Single N-Channel Hi-Rel MOSFET in a TO-204AE package HEXFET?TRANSISTORS 200V, N-CHANNEL REPETITIVE AVALANCHE AND dv/dt RATED
|
IRF[International Rectifier]
|
IRFU220N IRFR220N IRFR220NTR IRFR220NTRL IRFR220NT |
TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 5A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 200伏五(巴西)直| 5A条(丁)|52AA Power MOSFET(Vdss=200V, Rds(on)max=600mohm, Id=5.0A)
|
International Rectifier, Corp. IRF[International Rectifier]
|
FQU630 FQD630 FQD630TM |
200V N-Channel QFET 200V N-Channel MOSFET(N沟道增强型MOS场效应管(漏电流7A, 漏源电压200V,导通电.4Ω
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
IRFP250 IRFP250B IRFP250BFP001 |
200V N-Channel B-FET / Substitute of IRFP250 & IRFP250A 200V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFB42N20D |
200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=200V/ Rds(on)max=0.055ohm/ Id=44A)
|
International Rectifier
|
AM29DL161DB120EI AM29DL161DB70EI AM29DL161DB90EI A |
-100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A 2N6845 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A IRFE220 with Standard Packaging x8/x16 Flash EEPROM 55V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRF5M3205 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY130CM with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9220 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a TO-257AA package; A IRF5Y5305CM with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9230 with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRFI9640 IRFI9640G |
Power MOSFET(Vdss=-200V Rds(on)=0.50ohm Id=-6.1A) Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-6.1A) Power MOSFET(Vdss=-200V/ Rds(on)=0.50ohm/ Id=-6.1A) -200V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|