PART |
Description |
Maker |
IRLL024N IRLL024NPBF IRLL024NTR |
55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 4.4 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
IRF[International Rectifier]
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
IRFI530G |
HEXFET POWER MOSFET HEXFET功率MOSFET HEXFET? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRL640S IRL640STRL IRL640STRR |
200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET? Power MOSFET HEXFET-R POWER MOSFET
|
IRF[International Rectifier]
|
IRFR9214 IRFU9214 IRFRU9214 |
-250V Single P-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A) HA1L-M1C53-G L6 Ovrsz ILL PB Rnd Flsh Mom SPDT 12V LED Sldr
|
IRF[International Rectifier]
|
IRLZ24NL IRLZ24NSTRR IRLZ24NSTRL |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET功率MOSFET(马鞍山的HEXFET功率场效应管
|
International Rectifier Fairchild Semiconductor, Corp.
|
IRF740AL IRF740AS IRF740ASTRR |
400V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Switch Mode Power Supply (SMPS) HEXFET? Power MOSFET
|
International Rectifier
|
IRFB18N50K |
500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.26ohm, Id=27A)
|
IRF[International Rectifier]
|
IRFR9110TRL IRFU9110 IRFR9110 |
-100V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A) HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
IRFR214 IRFU214 |
250V Single N-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
|
IRF[International Rectifier]
|
IRFPE50 IRFPE50PBF |
800V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=800V, Rds(on)=1.2ohm, Id=7.8A)
|
International Rectifier
|