PART |
Description |
Maker |
AS7C33256PFS18B AS7C33256PFS18BV.1.7 AS7C33256PFS1 |
3.3V 256K X 18 pipeline burst synchronous SRAM 3.3 256 × 18管道爆裂同步SRAM 3.3V 256K X 18 pipeline burst synchronous SRAM 256K X 18 STANDARD SRAM, 8 ns, PQFP100 Sync SRAM - 3.3V From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IDT71V2558SA133BG IDT71V2558SA133BGI IDT71V2558SA1 |
3.3V 128Kx36 ZBT Synchronous PipeLined SRAM with 2.5V I/O 3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/2.5V I/O 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 3.2 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 5 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PBGA165 SPLICE,TERM,BUTT,INSUL,UNION,16-22AWG
|
IDT Integrated Device Technology, Inc.
|
AS7C33256PFD32A-166TQIN AS7C33256PFD32A-133TQCN AS |
3.3V 256K x 32/36 pipelined burst synchronous SRAM 256K X 32 STANDARD SRAM, 4 ns, PQFP100 3.3V 256K x 32/36 pipelined burst synchronous SRAM 3.3 256 × 32/36管线爆裂同步SRAM 3.3V 256K x 32/36 pipelined burst synchronous SRAM 256K X 32 STANDARD SRAM, 3.5 ns, PQFP100
|
Alliance Semiconductor Corp... Alliance Semiconductor, Corp.
|
GS880E18 GS880E36T-11 GS880E18T-11 GS880E32T-11.5I |
512K X 18 CACHE SRAM, 11.5 ns, PQFP100 512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs 256K X 32 CACHE SRAM, 11.5 ns, PQFP100 512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 11 ns, PQFP100 512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 11 ns, PQFP100 8Mb12K x 18Bit) Synchronous Burst SRAM(8M位(512K x 18位)同步静态RAM(带2位脉冲地址计数器))
|
http:// GSI Technology, Inc.
|
IDT71V3577S75PFG IDT71V3577SA80PFGI IDT71V3577SA85 |
3.3V 128K x 36 Synchronous Flow-Through SRAM w/3.3V I/O 128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect 128K的米656 × 18 3.3同步SRAM.3VI / O的流量,通过输出脉冲计数器,单周期取 128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 7.5 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 7.5 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect 128K的米656 × 18 3.3同步SRAM.3V的I / O的流量,通过输出脉冲计数器,单周期取 128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 8 ns, PBGA165
|
IDT Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
IDT71V3557S75PF IDT71V3557S85PF IDT71V3557S80PF ID |
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs 128K的3656 × 18.3V的同步ZBT SRAM.3V的I / O的脉冲计数器,流量,通过输出 128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs 128K X 36 ZBT SRAM, 7.5 ns, PBGA119
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
AS7C33256FT32_36A AS7C33256FT32_36A.V1.1 AS7C33256 |
3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
K7A401800M |
256K x 18-Bit Synchronous Pipelined Burst SRAM Rev. 2.0 (Dec. 1999) 256Kx18 Synchronous SRAM
|
Samsung Electronic Samsung semiconductor
|
GVT71256B18 71256B18 |
256K X 18 SYNCHRONOUS BURST SRAM From old datasheet system
|
Galvantech
|
GVT71256D18 71256D18 |
256K X 18 SYNCHRONOUS BURST SRAM From old datasheet system
|
Galvantech
|
|