PART |
Description |
Maker |
UPD4265805G5-A50-7JD UPD4264805G5-A50-7JD UPD42658 |
18-Mbit QDR-II SRAM 2-Word Burst Architecture 1-Mbit (64K x 16) Static RAM 1M x 4 Static RAM x8 EDO Page Mode DRAM x8 EDO公司页面模式DRAM 4-Mbit (256K x 16) Static RAM
|
NEC TOKIN, Corp.
|
UPD424440LE-70 UPD424440LE-60 UPD424440LE-80 UPD42 |
MoBL® 8-Mbit (1024K x 8) Static RAM MoBL® 8-Mbit (512K x 16) Static RAM CY62167DV30 MoBL® - 16-Mbit (1M x 16) Static RAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM
|
Vishay Intertechnology, Inc.
|
Y51-03 Y51-02 Y21-01 Y31-01 Y41-03 Y61-03 Y21-02 Y |
VALVE STARTUP 3/8 阀门启8 VALVE SHUT OFF 1/8 阀门关闭了1 / 8 VALVE STARTUP 1/2 阀门启 / 2 VALVE SHUT OFF 1/4 阀门关闭了1 / 4 VALVE SHUT OFF 3/4 VALVE STARTUP 1/4 IC SRAM 512KX36 2.5V SYN 100TQFP VALVE SHUT OFF 1/2 BRACKET T 1-Mbit (128K x 8) Static RAM IC MCU 8K FULL SPEED USB 28SDIP BRACKET L 1M/512K FAST ASYNC SRAM 5V, 3.3V, ISR High-Performance CPLDs 256K (32K x 8) Static RAM -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash SPACER EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller 1-Mbit (64K x 16) Static RAM 2M x 8 Static RAM 36-Mbit DDR-II SRAM 2-Word Burst Architecture BRANCH UNIT
|
AMIC Technology, Corp. Vishay Intertechnology, Inc. NXP Semiconductors N.V. Harwin PLC
|
CY62147DV30L-55BVXE CY62147DV30LL-45BVXI CY62147DV |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 45 ns, PDSO44 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PDSO44 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PBGA48 4-Mbit (256K x 16) Static RAM 4兆位56K × 16)静态RAM 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 70 ns, PBGA48
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY62148DV30 CY62148DV30LL-55BVI CY62148DV30L-55ZSX |
4-Mbit (512K x 8) MoBL垄莽 Static RAM 4-Mbit (512K x 8) MoBL? Static RAM
|
Cypress Semiconductor
|
CYU01M16SFCU-70BVXI CYU01M16SFCU |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, VFBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Cypress Semiconductor, Corp.
|
Y15-12-15 Y15-12-12 Y15-12S5 Y15-12S5-15B2A Y15-12 |
MoBL® 8-Mbit (512K x 16) Static RAM Programmable Skew Clock Buffer Analog IC 模拟IC MoBL® 8-Mbit (512K x 16) Static RAM 模拟IC EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller
|
HIROSE ELECTRIC Co., Ltd.
|
IS75V16F128GS32 IS75V16F128GS32-7065BI |
3.0 Volt Multi-Chip Package (MCP) 128 Mbit Simultaneous Operation Flash Memory and 32 Mbit Pseudo Static RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
CY7C1061BV33-12ZC CY7C1061BV33-12ZI CY7C1061BV33-1 |
16-Mbit (1M x 16) Static RAM
|
Cypress Semiconductor Corp.
|
CY7C1079DV33-12BAXI CY7C1079DV33-12BAXIT |
32-Mbit (4 M 8) Static RAM
|
Cypress
|