PART |
Description |
Maker |
VDA3720CTA VDA3720NTA VDA6010CTA VDA0820NTA VDA171 |
Low voltage, Low power, 1% High detect accuracy CMOS Voltage Detector
|
AnaSem Hong Kong Limited AnaSem Hong Kong Limite...
|
ADG706BRU ADG707 ADG707BRU ADG706 |
CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers 的CMOS.5ohm低电压,8-/16-Channel多路复用 CMOS/ 2.5ohm Low-Voltage/ 8-/16-Channel Multiplexers ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
|
Analog Devices, Inc. AD[Analog Devices]
|
BS616UV2021DC BS616UV2021 BS616UV2021AC BS616UV202 |
10ns ultra low power/voltage CMOS SRAM 128K x 16 or 256K x 8bit switchable Ultra Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable Hex Buffer/Driver With Open-Drain Outputs 14-TSSOP -40 to 85
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
MC74LCX244 MC74LCX244DT MC74LCX244DW MC74LCX244M M |
From old datasheet system LOW-VOLTAGE CMOS OCTAL TRANSCEIVER Low-Voltage CMOS Octal Buffer With 5V-Tolerant Inputs and Outputs(3-State, Non-Inverting)
|
Motorola, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
K6T8008C2M K6T8008C2M-B K6T8008C2M-F K6T8008C2M-RB |
1Mx8 bit Low Power and Low Voltage CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
IS62WV12816DALL/DBLL IS65WV12816DALL/DBLL |
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution, Inc
|
FMP1617CCX |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
IS62WV51216ALL IS62WV51216BLL-45B IS62WV51216ALL-7 |
512K X 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
SE5509 SE5509ALG-LF SE5509BLG-LF SE5509CLG-LF SE55 |
300mA Low Power Low Noise LDO CMOS Voltage Regulator
|
Seaward Electronics Inc.
|