PART |
Description |
Maker |
BR24L16 BR24L16FJ-W BR24L16FVM-W BR24L16F-W BR24L1 |
2k8 bit electrically erasable PROM 2k】8 bit electrically erasable PROM
|
ROHM[Rohm]
|
ATF16V8B-15PC ATF16V8B ATF16V8B-10PC ATF16V8B/BQ/B |
Electrically-Erasable PLD 电可擦除可编程逻辑器件 ATF16V8B/BQ/BQL [Updated 4/01. 19 Pages] 250 gate electrically erasable PLD. 20 pins From old datasheet system 250 gate electrically erasable PLD, 20 pins
|
Atmel, Corp. Atmel Corp
|
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
28C256ASC-1 28C256ASC-2 28C256ASC-3 28C256ASC-4 28 |
High speed 120 ns CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM High speed 150 ns CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM High speed 200 ns CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM High speed 250 ns CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM High speed CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 250 ns. High speed CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 120 ns. High speed CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 150 ns. High speed CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 200 ns.
|
Turbo IC
|
24AA01T 24LC01T-I_STG 24AA01 24AA01-E_MSG 24AA01-E |
The 24LC01B is a 1K bit Electrically Erasable PROM memory organized as a single block of 128 x 8-bit memory with an I2C™ compatible ... The 24LC01B is a 1K bit Electrically Erasable PROM memory organized as a single block of 128 x 8-bit memory with an I2C™ compatible 2-wire serial interface bus. The 24LC01B features hardware write protect, Schmitt trigger inputs, 400 1K I2C Serial EEPROM 1K/2K I2CSerial EEPROMs in ISO Micromodules
|
MICROCHIP[Microchip Technology]
|
BR24L32F-W BR24L32-W BR24L32FJ-W |
4k×8 bit electrically erasable PROM
|
Rohm
|
25AA080-I_P 25AA08004 25AA080-I_SN 25LC080-I_SN 25 |
The 25LC080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25C080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25AA080 is a 8K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... 8K SPI TM Bus Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
KM28C64A KM28C65A |
8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
|
Samsung Electronic Samsung semiconductor
|
IS25C02 IS25C04 |
(IS25C02 / IS25C04) 2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|
IS93C76A IS93C86A |
(IS93C76A / IS93C86A) 8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|
IS25C08-2ZLI |
8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
INTEGRATED SILICON SOLUTION INC
|
IS25C01 |
1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|