PART |
Description |
Maker |
AT84AD004 AT84XAD004TD |
Dual 8-bit 500 Msps ADC Provides 500 Msps sampling per channel or 1 Gsps sampling from one channel (interleaving mode) and integrates ... Smart ADC. Dual 8-bit 500 Msps ADC. Temperature range ambient.
|
Atmel
|
MC33065DW-H MC33065DW-L MC34065DW-H MC34065DW-L MC |
HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS 0.4 A DUAL SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO16
|
MOTOROLA INC Motorola Mobility Holdings, Inc.
|
CAT4134HV2-T2 CAT4134 |
LED Driver, Dual Channel Movie / Flash, 500 mA 500 mA Dual Channel Movie/Flash LED Driver
|
ON Semiconductor
|
PPF450M |
N Channel MOSFET; Package: TO-254; ID (A): 8; RDS(on) (Ohms): 0.42; PD (W): 150; BVDSS (V): 500; Rq: 0.83; 12 A, 500 V, 0.42 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
OP-249AJ/883 OP-249ARC/883 OP-249AZ/883 |
DUAL OP-AMP, 500 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, MBCY8 METAL CAN, TO-99, 8 PIN DUAL OP-AMP, 500 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, CQCC20 HERMETIC SEALED, CERAMIC, LCC-20 DUAL OP-AMP, 500 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, CDIP8 CERDIP-8
|
Analog Devices, Inc.
|
AD7653 AD7654ASTZ AD7621 AD7650 AD7679 AD7641 AD76 |
16-Bit, 500 kSPS PulSAR? Dual, 2-Channel, Simultaneous Sampling ADC 16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC 16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC 16-Bit, 500 kSPS PulSAR? Dual, 2-Channel, Simultaneous Sampling ADC
|
Analog Devices
|
MTV16N50E MTV16N50E_D ON2670 MTV16N50E-D TV16N50E |
16 A, 500 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET From old datasheet system TMOS POWER FET 16 AMPERES 500 VOLTS RDS(on) = 0.40 OHM TMOS E-FET Power Field Effect Transistor D3PAK for Surface Mount N-Channel Enhancement - Mode Silicon Gate
|
ETC Motorola, Inc ON Semiconductor
|
AS9C25128M2036L-250PI AS9C25128M2036L-133FC AS9C25 |
Miniature Enclosed Switches Series 914CE: Top Plunger; 1NC 1NO SPDT Snap Action; 9 foot Cable RECTIFIER STANDARD SINGLE 6A 50V 50 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.0A 1.5V TO-252 RECTIFIER STANDARD SINGLE 6A 800V 800 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 600V 600 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER BRIDGE 2A 800V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK IC REG LDO 1.5A 1.8V TO-252 RECTIFIER STANDARD SINGLE 6A 100V 100 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.5A POS ADJ TO-252 RECTIFIER STANDARD SINGLE 6A 1000V 1000 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 200V 200 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 400V 400 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.5A 3.3V TO-252 RECTIFIER BRIDGE 2A 1000V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK RECTIFIER BRIDGE 2A 600V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 256K X 36 DUAL-PORT SRAM, 6.5 ns, PBGA208 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208
|
Alliance Semiconductor Corporation Alliance Semiconductor, Corp. INTEGRATED SILICON SOLUTION INC Alliance Semiconductor Corp...
|
STX25NM50N STP25NM50N STW25NM50N STF25NM50N STB25N |
N-channel 500 V, 0.11 Ω, 22 A MDmesh?/a> II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247 N-channel 500 V, 0.11 Ω, 22 A MDmesh II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247 22 A, 500 V, 0.14 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
STMicroelectronics
|
MTD1P50E |
TMOS POWER FET 1.0 AMPERES 500 VOLTS 15 OHM 1 A, 500 V, 15 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Motorola, Inc
|
1N5985B ON0014 1N6003B 1N5993B 1N5992B 1N5987B 1N5 |
3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,5.6V齐纳电压,齐纳稳压二极管) 5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,6.8V齐纳电压,齐纳稳压二极管) 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,12V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,15V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,18V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,10V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,2.4V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,4.3V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,3.3V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,3V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,4.7V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,5.1V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,13V齐纳电压,齐纳稳压二极管) From old datasheet system 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35?荤?灏??,6.2V榻?撼?靛?锛??绾崇ǔ??????)
|
MOTOROLA INC ON Semiconductor
|
OM6215SS OM6214SS OM6216SS OM6217SS |
30 A, 100 V, 0.065 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE 100V Dual N-Channel MOSFET in a S-6 package 400V Dual N-Channel MOSFET in a S-6 package 500V Dual N-Channel MOSFET in a S-6 package 200V Dual N-Channel MOSFET in a S-6 package
|
List of Unclassifed Manufacturers ETC International Rectifier
|
|