PART |
Description |
Maker |
AM42DL6402G85IS AM42DL6402G85IT AM42DL6402G70IS AM |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
|
SPANSION[SPANSION]
|
M29DW127G M29DW127G70NF6E |
128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
|
Numonyx B.V
|
AM49LV128BMAH11NS AM49LV128BMAH11NT AM49LV128BMAH1 |
128 Megabit (8 M x 16-Bit) MirrorBit Uniform Sector Flash Memory and 32 Mbit (2 M x 16-Bit)
|
SPANSION
|
AM29F200B AM29F200BT-120SC |
2 Mbit (256 K x 8-Bit/128 K x 16-Bit) EEPROM,FLASH,128KX16/256KX8,CMOS,SOP,44PIN,PLASTIC From old datasheet system
|
AMD Inc
|
AM29LV652D |
128 Mbit (16 M x 8-Bit) with VersatileI/O Control (Preliminary From old datasheet system
|
AMD Inc
|
NAND01GW4A2CZB1 NAND01GW4A2AZB1T NAND512R3A0AN1E N |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories 128兆,256兆,512兆位千兆位(x8/x1628 Byte/264字的页面.8V/3V,NAND闪存芯片
|
意法半导 STMicroelectronics N.V.
|
AM49PDL127BH66IS AM49PDL127BH66IT AM49PDL129BH AM4 |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
|
SPANSION[SPANSION]
|
IS75V16F128GS32-7065BI |
3.0 Volt Multi-Chip Package (MCP) 128 Mbit Simultaneous Operation Flash Memory and 32 Mbit Pseudo Static RAM
|
Integrated Silicon Solution Inc
|
M48T129V-70PM1 M48T129V-85PM1 M48T129Y-70PM1 M48T1 |
5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER庐 SRAM 5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER? SRAM
|
STMicroelectronics
|
M48Z128Y-70PM1 M48Z128Y-120PM1 M48Z128Y-85PM1 M48Z |
5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER庐 SRAM 5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER? SRAM
|
STMicroelectronics
|
NP5Q128A13ESFC0E NP5Q128AE3ESFC0E |
128-Mbit, Quad/Dual/Single Serial Interface, 128-Kbyte Sectors Phase Change Memory (PCM) with 66MHz SPI Bus Interface
|
Numonyx B.V
|