PART |
Description |
Maker |
MD20-0016-S |
0.5 MHz - 500 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 7 dB CONVERSION LOSS-MAX .54mm (.100") Pitch SL(TM) Fibre Channel Wire-to-Board Header, Single Row, Vertical, 3.40mm (.134") Pocket, Shrouded, 3 Circuits, 0.38??m (15??") Gold (Au) Selective Plating Double Balanced Mixer 0.5 - 500 MHz
|
MACOM[Tyco Electronics]
|
1N476 1N499 1N500 1N279 1N292 1N294 1N567 1N450 1N |
165 V, 500 mA, gold bonded germanium diode 100 V, 500 mA, gold bonded germanium diode 12 V, 500 mA, gold bonded germanium diode 90 V, 500 mA, gold bonded germanium diode GOLD BONDED DIODES(LOW FORWARD VOLTAGE, LOW POWER CONSUMPTION) 75 V, 500 mA, gold bonded germanium diode 120 V, 500 mA, gold bonded germanium diode 70 V, 500 mA, gold bonded germanium diode 80 V, 500 mA, gold bonded germanium diode 115 V, 500 mA, gold bonded germanium diode 60 V, 500 mA, gold bonded germanium diode
|
BKC International Electronics ETC[ETC]
|
BYV44-400 BYV44 BYV44-300 BYV44-500 |
Dual rectifier diodes ultrafast(超快速双整流二极 30 A, 500 V, SILICON, RECTIFIER DIODE, TO-220AB Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Color:White; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/4 Type E RoHS Compliant: Yes
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
3290H-1-503 3290P-1-203 3290H-1-500 3290H-1-501 32 |
Multi-Turn Trimmer Potentiometers 3/8" 50Kohms Sealed Horizontal Adjust 5% RESISTOR, TRIMMER, WIRE WOUND, 25 TURN(S), 1 W, 50000 ohm TRIMMER - 3/8" SQ MT WW RESISTOR, TRIMMER, WIRE WOUND, 25 TURN(S), 1 W, 20000 ohm Multi-Turn Trimmer Potentiometers 3/8" 50ohms Sealed Horizontal Adjust 5% RESISTOR, TRIMMER, WIRE WOUND, 25 TURN(S), 1 W, 50 ohm Multi-Turn Trimmer Potentiometers 3/8" 500ohms Sealed Horizontal Adjust 5% RESISTOR, TRIMMER, WIRE WOUND, 25 TURN(S), 1 W, 500 ohm TRIMMER - 3/8" SQ MT WW RESISTOR, TRIMMER, WIRE WOUND, 25 TURN(S), 1 W, 50 ohm TRIMMER - 3/8" SQ MT WW RESISTOR, TRIMMER, WIRE WOUND, 25 TURN(S), 1 W, 500 ohm Square Trimpot Trimming Potentiometer Multiturn/ Wirewound / Industrial / Sealed 3290 - 3/8 ?Square Trimpot? Trimming Potentiometer 3290 - 3/8 Square Trimpot Trimming Potentiometer
|
Bourns, Inc. Bourns Electronic Solutions
|
PAC100005008FA1000 PAC04 PAC06 PAC05 PAC03 PAC02 P |
WIREWOUND,5,1%,A1,AMMO - Ammo Pack Cemented Wirewound Precision Resistors Wire Wound Resistor, RESISTOR, WIRE WOUND, 3 W, 1 %, 22 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, GREEN WIREWOUND,500,1%,A1,AMMO - Ammo Pack
|
Vishay Draloric Vishay Siliconix
|
P295BE681M500A |
Film, Metallized Paper, Safety, P295, 680 pF, 20%, 1,500 V, 500 V, 115C, Lead Spacing = 15mm
|
Kemet Corporation
|
EVAL-AD7323CB |
500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC 500 kSPS的,4通道,软件选择,真双极性输入,12位ADC的加
|
Analog Devices, Inc.
|
51111-0810 0511110810 |
2.50mm (.098) Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, withoutRetainer, 8 Circuits
|
Molex Electronics Ltd.
|
51111-1310 |
2.50mm (.098) Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, withoutRetainer, 13 Circuits
|
Molex Electronics Ltd.
|
51111-1100 0511111100 |
2.50mm (.098) Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, WithRetainer, 11 Circuits
|
Molex Electronics Ltd.
|
0510670800 51067-0800 |
3.50mm (.138) Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, 8Circuits
|
Molex Electronics Ltd.
|
|