PART |
Description |
Maker |
STK2025 |
(STKxxxx) Output Stage of AF Power Amp
|
ETC
|
STK8260II |
60W min AF Power Amp / Output Stage
|
Sanyo
|
STK0100II |
Thick Film Hybrid Integrated Circuit 100W MIN AF POWER AMP, OUTPUT STAGE (DPP)
|
Sanyo Semicon Device
|
STK1050II |
Thick Film Hybrid Integrated Circuit 50W min AF Power Amp Output Stage With Built-in Emitter Resistance
|
SANYO[Sanyo Semicon Device]
|
LT1800CS5TRMPBF |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
LC549 LD549 LV549 |
High Power Class B Output Stage
|
Gennum Corporation ETC[ETC] List of Unclassifed Manufacturers
|
2SB816 2SD1046 2SD1046E |
TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 8A I(C) | TO-218VAR 晶体管|晶体管| npn型| 120伏特五(巴西)总裁| 8A条一(c)|18VAR For LF Power Amp,50W Output, Large Power Switching For LF Power Amp/50W Output/ Large Power Switching
|
TE Connectivity, Ltd. SANYO[Sanyo Semicon Device]
|
AD1991ASV AD1991ASVRL AD1991 |
Class D/1-Bit Audio Power Output Stage
|
AD[Analog Devices]
|
LCM-60DA |
60W Multiple-Stage Output Current LED Power Supply
|
Mean Well Enterprises Co., Ltd.
|
LTC3201 LTC5505-1 LTC5505-1ES5 LTC5505-2 LTC5505-2 |
RF Power Detector with Buffered Output and 40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 300 MHz - 3000 MHz RF/MICROWAVE LINEAR DETECTOR, 18 dBm INPUT POWER-MAX
|
LINER[Linear Technology] Linear Technology, Corp.
|
TDA8024 TDA8024T/C1118 TDA8024AT TDA8024T TDA8024T |
IC card interface; Package: SOT136-1 (SO28); Container: Reel Pack, SMD, 13" SPECIALTY INTERFACE CIRCUIT, PDSO28 ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% IC卡接 Three specifically protected half-duplex bidirectional buffered I/O lines to card contacts C4, C7 and C8
|
NXP Semiconductors N.V. List of Unclassifed Manufacturers
|