PART |
Description |
Maker |
S12FTS128KV1 S12FTS128KVD |
128k byte Flash (Non-Volatile) Memory
|
Freescale Semiconductor, Inc Motorola, Inc
|
DS1345YL-70-IND DS1345YP-70IND DS1345ABP-70IND |
128K X 8 NON-VOLATILE SRAM MODULE, 70 ns, PDSO34 LOW PROFILE, SMT-34 1024k Nonvolatile SRAM with Battery Monitor 128K X 8 NON-VOLATILE SRAM MODULE, 70 ns, DMA34
|
Maxim Integrated Products, Inc.
|
LC871H96A LC871HC8A |
CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
ENA1095 LC87F1HC8SA |
CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC87F14C8A |
CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC87F14C8SA |
FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
DS1258AB-70 |
128k x 16 Nonvolatile SRAM 128K X 16 NON-VOLATILE SRAM MODULE, 70 ns, DMA40
|
Maxim Integrated Products, Inc.
|
MBM29F200BA12 MBM29F200TA12 |
2M (256K×8/128K×16) Bit Flash Memory(V 电源电压256K×8/128K×16闪速存储器) 200万(256K × 8/128K × 16)位快闪记忆体(V的电源电56K × 8/128K × 16闪速存储器 2M (256K?8/128K?16) Bit Flash Memory(??V ?垫??靛?256K?8/128K?16???瀛???ī
|
Fujitsu, Ltd. Fujitsu Limited
|
AS8F128K32Q-150/Q AS8F128K32Q-70/Q AS8F128K32Q-70/ |
128K x 32 FLASH FLASH MEMORY ARRAY 128K X 32 FLASH 5V PROM MODULE, 150 ns, CQFP68 128K x 32 FLASH FLASH MEMORY ARRAY 128K X 32 FLASH 5V PROM MODULE, 90 ns, CQFP68 128K x 32 FLASH FLASH MEMORY ARRAY 128K X 32 FLASH 5V PROM MODULE, 120 ns, CQFP68
|
Austin Semiconductor, Inc
|
AT49BV001A AT49BV001A-55JI AT49BV001A-55TI AT49BV0 |
128K x 8 (1M bit), 2.7-Volt Read and Write, Top or Bottom Boot Parametric Block Flash. 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage⑩ Flash Memory 1-MEGABIT (128K X 8) SINGLE 2.7-VOLT BATTERY-VOLTAGE⒙ FLASH MEMORY 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory AC 12C 12#12 SKT RECP JT 100C 100#22D SKT RECP AT49BV001A(N)(T) [Updated 9/03. 18 Pages] 128K x 8 (1M bit). 2.7-Volt Read and Write. Top or Bottom Boot Parametric Block Flash. AC 6C 3#16 3#4 SKT RECP Circular Connector; No. of Contacts:55; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 1兆位128K的8)单2.7伏电池电压⑩闪存 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 128K X 8 FLASH 2.7V PROM, 55 ns, PQCC32 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|