PART |
Description |
Maker |
JANTXV1N5420 JANTX1N5420 JAN1N5420 JANTX1N5415 JAN |
Coiled Cord; Features:6' positive coil memory combats cord stretch out; date coded for traceability; stainless steel spinning style banana plug reduces cord tangles; For Use With:WBB-AFWS Adjustable Fabric Wrist Strap RoHS Compliant: NA Fast Rectifier (100-500ns) RECTIFIERS GROUND CORD, 2X4MM SOCKETS, 5M; Length, lead:15ft RoHS Compliant: NA
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation]
|
6081 |
Wrist Strap, Elastic, ESD
|
Pomona Electronics
|
8811 |
Dissipative table mats include two 3M Snap Fasteners 3034 (installed) and one 3M Wrist Strap Grounding System 3048.
|
3M Electronics
|
1300910057 |
Woodhead Standard Cord Reel, 14/3 SJTOW Cord, 13.72m (45.0) Cord Length with
|
Molex Electronics Ltd.
|
IR420-D4 IR420-D4-1 IR420-D4-2 |
Digital Ground Fault Monitor / Ground Detector Ungrounded (Floating) AC Systems
|
BENDER
|
1301800337 |
1/4 Cord Grip Grommet, F0 Body Size 5.08-6.73mm (.200-.265) Cord Diameter
|
Molex Electronics Ltd.
|
1301800336 |
1/4 Cord Grip Grommet, F0 Body Size 3.43-5.08mm (.135-.200) Cord Diameter, Gray
|
Molex Electronics Ltd.
|
1301800317 |
1/2 Cord Grip Grommet, F2 Body Size; 2 holes 7.37mm (.290) Cord Diameter, Black
|
Molex Electronics Ltd.
|
1300910025 |
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 15.24m
|
Molex Electronics Ltd.
|
1300910023 |
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 15.24m
|
Molex Electronics Ltd.
|
1300910053 |
Woodhead Standard Cord Reel, 14/3 SJTOW Cord, 13.72m
|
Molex Electronics Ltd.
|
312021-01 |
CORD 18AWG 3COND M/F BLK 90 SVT POWER CORD
|
Qualtek Electronics Corporation
|