PART |
Description |
Maker |
DG200BDJ-E3 DG2302DL-T1-E3 DG212BDQ-T1 DG405DY-E3 |
Analog Switch ICs SPST Analog Switch Analog Switch ICs HIGH SPEED SPST Analog Switch ICs Quad SPST Switch Learn More Analog Switch ICs DPST Analog Switch DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, MBCY10
|
Vishay Semiconductors Vishay Intertechnology, Inc. Mitsubishi Electric, Corp. MAXIM INTEGRATED PRODUCTS INC
|
IDTQS4A101Q QS4A101_DS_55769 IDTQS4A101 QS4A101Q8 |
From old datasheet system QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES 4-Channel Analog Switch
|
IDT[Integrated Device Technology]
|
MT90866AG2 MT90866 |
Flexible 4 K x 2.4 K Channel Digital Switch with H.110 Interface and 2.4 K x 2.4 K Local Switch
|
ZARLINK[Zarlink Semiconductor Inc]
|
AD8110ASTZ |
260 MHz, 16 x 8 Buffered Video Crosspoint Switch (Gain=1) 16-CHANNEL, CROSS POINT SWITCH, PQFP80
|
Analog Devices, Inc.
|
QVA11134 |
Slotted Optical Switch; Package: Slotted Switch QVA; No of Pins: 4; Container: Rail 3.18 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH TRANSISTOR OUTPUT
|
Fairchild Semiconductor, Corp.
|
ISL54205AIRUZ-T |
MP3/USB 2.0 High Speed Switch with Negative Signal Handling DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PQCC10
|
Intersil, Corp.
|
ZL50073NBSP ZL50073 ZL50073GAC |
32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps) From old datasheet system 32 K Channel Digital Switch with High Jitter Tolerance, SONET/SDH Clock Multiplier PLL
|
ZARLINK[Zarlink Semiconductor Inc]
|
2SK2825 E001521 |
N CHANNEL MOS TYPE (FOR PORTABLE EQUIPMENT HIGH SPEED SWITCH/ ANALOG SWITCH APPLICATIONS) N CHANNEL MOS TYPE (FOR PORTABLE EQUIPMENT HIGH SPEED SWITCH, ANALOG SWITCH APPLICATIONS) From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
ADG201HS ADG201HSAQ ADG201HSBQ ADG201HSJN ADG201HS |
LC-2MOS ± 15 V High Speed, Quad SPST Switch LC<SUP>2</SUP>MOS ± 15 V High Speed, Quad SPST Switch SPSTAnalogSwitch
LC2MOS HIGH SPEED, QUAD SPST SWITCH LC2MOS HIGH SPEED/ QUAD SPST SWITCH Circular Connector; No. of Contacts:66; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:19-66 SPST Analog Switch QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CDIP16 LC2MOS 15 V High Speed, Quad SPST Switch Quad SPST Switch(LC2MOS楂?????????峰???
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
J300B TP6451 TP5952 TP5951 TP6449 TP6450 MPF108 |
TRANSISTOR | JFET | N-CHANNEL | 15MA I(DSS) | TO-92 ; No. of Switch Positions:2; Number of Positions:2; Switch Features:Tumbler Lock With Detent Detection Switch; Contact Current Max:300mA; Circuitry:SPDT; Actuator Style:Hinge Lever; Current Rating:0.3A; Leaded Process Compatible:Yes; Mounting Rotary Keylock Switch; Key Removal Position:Center; Circuitry:SPST; Indexing:90 ; Contact Current Max:4A; Leaded Process Compatible:Yes Keylock Switch; Contact Current Max:4A; No. of Poles:2; Indexing:90 ; Switch Terminals:Solder Lug; Key Removal Position:1; Leaded Process Compatible TRANSISTOR | JFET | N-CHANNEL | 25V V(BR)DSS | 24MA I(DSS) | TO-92 晶体管|场效应| N沟道| 25V的五(巴西)直| 24mA的我(直)|92
|
东电?中国)投资有限公司
|