PART |
Description |
Maker |
MAX6709 MAX6709-MAX6714 MAX6714 MAX6714CUB MAX6709 |
60 mA, 2.0 V to 5.5 V, low-voltage, high-accuracy, quad voltage monitor Low-Voltage / High-Accuracy / Quad Voltage Monitors in MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in レMAX Package LOW-VOLTAGE, HIGH-ACCURACY, QUAD VOLTAGE MONITORS IN ヌMAX PACKAGE "Low-Voltage, High-Accuracy, Quad Voltage Monitors in ?MAX Package" Low-Voltage, High-Accuracy, Quad Voltage Monitors in MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package 35 mA, 2.0 V to 5.5 V, low-voltage, high-accuracy, quad voltage monitor
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ZM33164-3 ZM331643C ZM331643G ZM331643N8 ZM33164-3 |
IC-SM-SUPPLY MONITOR SOT223 集成电路钐电源监视器的SOT223 SUPPLY VOLTAGE MONITOR 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 IC-SUPPLY MONITOR 集成电路电源监视 SUPPLY VOLTAGE MONITOR 电源电压监视 IC-SM-SUPPLY MONITOR 集成电路钐电源监视器
|
Zetex Semiconductor PLC Zetex Semiconductors
|
ADM1185ARMZ ADM1185 |
Quad Voltage Monitor and Sequencer
|
AD[Analog Devices]
|
ISL88041IBZ-T |
Quad Voltage Monitor 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Intersil, Corp.
|
AM79C989 AM79C989JC AM79C989JCT |
Quad Ethernet Switching Transceiver (QuEST? Motor Driver IC; Supply Voltage Max:13.2V; Output Current Max:0.5A; Package/Case:8-SOIC; Driver Type:Motor; Leaded Process Compatible:No; Output Current:1.5A; Peak Reflow Compatible (260 C):No; Supply Voltage Min:3.8V 四路以太网交换器(QuEST的⑩ Quad Ethernet Switching Transceiver (QuEST)
|
Advanced Micro Devices, Inc.
|
LT1179A LT1178A LT1179SW LT1178ACH LT1178ACJ8 LT11 |
17盗 Max, Quad, Single Supply, Precision Operational Amplifier 17uA Max, Dual and Quad, Single Supply, Precision Op Amps 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 540 uV OFFSET-MAX, 0.085 MHz BAND WIDTH, PDSO8
|
Linear Integrated Systems Linear Technology, Corp.
|
MC74LCX02 MC74LCX02D MC74LCX02DT MC74LCX02M MC74LC |
LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE From old datasheet system Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-11 LED AMBER 3-ELEMENT ARRAY
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor] Motorola, Inc.
|
STG3699AQTR STG3699A |
LOW VOLTAGE 0.5 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
SA5234D/01518 |
Matched quad high-performance low-voltage operational amplifier; Package: SOT108-1 (SO14); Container: Reel Dry Pack, SMD, 13" QUAD OP-AMP, 5000 uV OFFSET-MAX, 2.5 MHz BAND WIDTH, PDSO14
|
NXP Semiconductors N.V.
|
EVAL-ADM1184EBZ |
Evaluation Kit for ADM1184 ±0.8% Accurate Quad Voltage Monitor
|
Analog Devices
|
CMRA6065 CMRA6065EP |
Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:140Vrms; Control Voltage Min:90Vrms; Load Current Max:65Arms; Switching:Zero Cross RoHS Compliant: Yes TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|