PART |
Description |
Maker |
M29W160EB70N1 M29W160EB70N1T M29W160EB70N6 M29W160 |
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16兆位(含2Mb x8兆x16插槽,引导块3V电源快闪记忆 CAP 3300UF 6.3V ELECT FC RADIAL 16兆位(含2Mb x8兆x16插槽,引导块V电源快闪记忆 16 Mbit (2Mb x8 or 1Mb x16 / Boot Block) 3V Supply Flash Memory 16 MBIT (2MB X8 OR 1MB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 70ns; V(in/out): -0.6 to 0.6V; 16Mbit (2Mb x 8 or 1Mb x 16, boot block) 3V supply flash memory
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
M28W160CB70N1S M28W160CB70N1T M28W160CB70N6S M28W1 |
16 MBIT (1MB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 16 Mbit (1Mb x16/ Boot Block) 3V Supply Flash Memory
|
ST Microelectronics STMicroelectronics
|
M28W160ECB70N1 M28W160ECB70N1E M28W160ECT90N1 M28W |
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
|
Numonyx B.V
|
M28W160ECB85ZB1 M28W160ECT70N1 M28W160ECB85N1 M28W |
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
|
Numonyx B.V
|
M29F800DB90N3T |
8 MBIT (1MB X8 OR 512KB X16, BOOT BLOCK) 5V SUPPLY FLASH MEMORY
|
ST Microelectronics
|
M29F800DB M29F800DB55M1E M29F800DB55M1F M29F800DB5 |
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
|
STMICROELECTRONICS[STMicroelectronics]
|
M29W800DB90N1 |
8 MBIT (1MB X8 OR 512KB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY
|
SGS Thomson Microelectronics
|
29F800 M29F800AB M29F800AT -M295V800AB90N3T M295V8 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series II; Body Material:Metal; Series:JT; No. of Contacts:28; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Body Style:Straight RoHS Compliant: No 8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory 8 Mbit 1Mb x8 or 512Kb x16 / Boot Block Single Supply Flash Memory
|
ST Microelectronics 意法半导 STMicroelectronics
|
M29F160BT70N6T M295V160BB55N1T M295V160BB55N3T M29 |
16 MBIT (2MB X8 OR 1MB X16, BOOT BLOCK) SINGLE SUPPLY FLASH MEMORY 16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M36W416TG 9175 M36W416TGZA M36W416BG70ZA1T M36W416 |
From old datasheet system 16 Mbit 1Mb x16, Boot Block Flash Memory and 4Mbit 256Kb x16 SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|
M29W800AT04 |
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
|
STMicroelectronics
|