PART |
Description |
Maker |
PEG-3E-500B PEP-3R-10B PEG-3E-25B PEP-3R-70 PEP-3R |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 4A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter 10 to 500 MHz / Continuous 0° to 180° Adjustment / Voltage Controlled / Low Insertion Loss PHASE SHIFTERS
|
Merrimac Industries, Inc.
|
FDMQ8203 |
100V Dual N-Channel and Dual P-Channel PowerTrenchMOSFET, GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench? MOSFET N-Channel: 100 V, 6 A, 110 mΩ P-Channel: -80 V, -6 A, 190 mΩ
|
Fairchild Semiconductor
|
ISL8033 ISL8033AIRZ ISL8033IRZ |
Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
|
Renesas Electronics Corporation
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
KB3511 KB3511A KB3511B |
High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
|
Kingbor Technology Co
|
5LN01SS |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 双通道高效率,低噪声,同步降压型开关稳压器
|
Sanyo Electric Co., Ltd.
|
VNA-23 |
.: -25C to 70C/40C to 70C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, Regulated, Switching High Directivity Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
|
MINI[Mini-Circuits]
|
NCP153211 |
Dual Output Step-Down Converter 2.25 MHz High-Efficiency, Out of Phase Operation, Low Quiescent Current, Source up to 1.6 A
|
ON Semiconductor
|
HS15 HS13 HS11 HS14 HS12 |
Low Power Loss, High efficiency HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V) HIGH EFFICIENCY RECTIFIERS(1.0A/50-400V)
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP.
|
EP05Q04 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight LOW POWER LOSS/ HIGH EFFICIENCY LOW POWER LOSS HIGH EFFICIENCY LOW POWER LOSS, HIGH EFFICIENCY
|
ETC[ETC] Nihon Inter Electronics Corporation
|
LTC1538IG-AUX LTC1538CG-AUX LTC1538-AUXIG LTC1538- |
Advanced LinEPIC Self-Calibrating (Self-Cal) Precision Single Operational Amplifier 8-SOIC Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO28 ER 1C 1#4 SKT PLUG 双通道高效率,低噪声,同步降压型开关稳压器 DIODE ZENER SINGLE 1000mW 15Vz 50mA-Izt 0.05 1uA-Ir 11 PowerDI-123 3K/REEL 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO28 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 双通道高效率,低噪声,同步降压型开关稳压器
|
Linear Technology Corporation Linear Technology, Corp.
|
MSK5045-2.5H MSK5045-2.5HG MSK5045-2.5G MSK5045-2. |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 4.2 A SWITCHING REGULATOR, 330 kHz SWITCHING FREQ-MAX, PDFP44 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 4.2 A SWITCHING REGULATOR, 330 kHz SWITCHING FREQ-MAX, PDSO44
|
Omron Electronics, LLC M.S. Kennedy, Corp. MS KENNEDY CORP
|