PART |
Description |
Maker |
5962-9306001MXA 5962-9306002MYA AD872ASE/883B AD87 |
Complete 12-Bit 10 MSPS Monolithic A/D Converter 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, CDIP28 Complete 12-Bit 10 MSPS Monolithic A/D Converter 完整210 MSPS的单片A / D转换
|
TE Connectivity, Ltd. Analog Devices, Inc.
|
AD774BAR AD774BBR AD674 AD774BTD AD674BAR AD674BBR |
0-16.5V; 825mW; complete 12-bit A/D Converter Complete 12-Bit A/D Converters 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 Complete 12-Bit A/D Converters 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 Complete 12-Bit Successive Approximation Analog-to-Digital Converters With Three-State Output and 8 us Conversion
|
Analog Devices, Inc. AD[Analog Devices] http://
|
AD9220-EB AD9221-EB AD9223-EB AD9220 AD9220AR-REEL |
Complete 12-Bit 1.25 MSPS Monolithic A/D Converter 12-Bit, 3.0 MSPS A/D Converter Complete 12-Bit, 10.0 MSPS Monolithic A/D Converter Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
|
Analog Devices
|
AD1674 AD1674AR AD1674AD AD1674B AD1674JNZ AD1674J |
12-Bit 100 kSPS A/D Converter 12-Bit 100 kSPS A/D Converter(12浣?00kSPS A/D杞???? 12-Bit, 100 kSPS, Complete ADC ; Industry Standard SIP7 and DIP14 Packages; Power Sharing on Outputs; Optional Continuous Short Circuit Protected; 1kVDC & 2kVDC Isolation Options 12-Bit 100 kSPS A/D Converter 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AFL12005S AFL120XXS AFL12008S AFL12009S AFL12012S |
Hi-Rel DC-DC Standard Single Converter in a AFL package HIGH RELIABILITY HYBRID DC/DC CONVERTERS Complete SO-8, 12-Bit, 400ksps ADC with Shutdown; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Complete SO-8, 12-Bit, 400ksps ADC with Shutdown; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DC to DC Converter DC至DC转换
|
IRF[International Rectifier] International Rectifier, Corp. Analog Devices, Inc.
|
AD9226AST AD9226ARS AD9226 AD9226ARSRL AD9226ARSZR |
12-Bit, 65 MSPS Analog-to-Digital Converter Complete 12-Bit, 65 MSPS ADC Converter
|
Analog Devices AD
|
5962-89629013X 5962-8962902LX AD7569ACHIPS AD7569T |
LC2MOS Complete, 8-Bit Analog I/0 Systems LC2MOS Complete, 8-Bit Analog I/0 Systems SPECIALTY ANALOG CIRCUIT, PQCC28 LC2MOS Complete/ 8-Bit Analog I/0 Systems CMOS, Complete 8-Bit Analog I/0 Port with Single DAC Output
|
Analog Devices, Inc.
|
AD9243 AD9243AS AD9243EB |
Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
|
AD[Analog Devices]
|
AD9280ARSZ AD9280-15 |
Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
|
Analog Devices
|
AD9240ASZ AD9240ASZRL AD9240ASRL |
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
|
Analog Devices
|
AD9200 AD9200ARS AD9200ARSRL AD9200JRS AD9200JRSRL |
Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
|
AD[Analog Devices]
|