PART |
Description |
Maker |
LT1356 LT1355 |
Dual and Quad 12MHz, 400V/s Op Amps From old datasheet system
|
Linear
|
LT1201 LT1202 |
Dual and Quad 1mA, 12MHz, 50V/ms Op Amps From old datasheet system
|
Linear
|
EL6263C EL6263CU |
Quad 20MHz & Quad 70MHz/ Switched Gain Pre-Amp Quad 20MHz & Quad 70MHz, Switched Gain Pre-Amp
|
Elantec Semiconductor
|
DAC8412ET |
Quad, 12-Bit DAC Voltage Output with Readback; Package: CERDIP GLASS SEAL; No of Pins: 28; Temperature Range: TBD QUAD, PARALLEL, WORD INPUT LOADING, 6 us SETTLING TIME, 12-BIT DAC, CDIP28
|
Analog Devices, Inc.
|
MAX5583 MAX5584 |
Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
|
Maxim
|
DAC8412BTC/883C |
Quad, 12-Bit DAC Voltage Output with Readback; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 28; Temperature Range: Industrial QUAD, PARALLEL, WORD INPUT LOADING, 10 us SETTLING TIME, 12-BIT DAC, CQCC28
|
Analog Devices, Inc.
|
HIP9020 HIP9020AB HIP9020AP |
Programmable Quad Buffer with Pre and Post Scaler Dividers
|
INTERSIL[Intersil Corporation]
|
M74HC298 M74HC298M1R M54HC298F1R M74HC298B1R M74HC |
12-Bit, 2.5 us Dual DAC, Serial Input, Pgrmable Settling Time, Q temp available 8-SOIC -40 to 85 QUAD 2 CHANNEL MULTIPLEXER/REGISTER
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
AD7564BRS AD7564AR-B AD7564AR-BREEL AD7564 |
LC2MOS 3.3 V/ 5 V/ Low Power/ Quad 12-Bit DAC LC2MOS 3.3 V/ 5 V, Low Power, Quad 12-Bit DAC QUAD, SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 12-BIT DAC, PDSO28 3.3 V/ 5 V, Low Power, Quad 12-Bit CMOS DAC
|
Analog Devices, Inc.
|
MAX550009 MAX5501AGAP MAX5500BGAP MAX5500AGAP MAX5 |
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDSO20 SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO20
|
Maxim Integrated Products MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc...
|
AD5327ARU-REEL7 AD5307ARU AD5307BRUZ-REEL AD5307BR |
2.5 V to 5.5 V, 400 µA, Quad Rail-To-Rail Output 12-Bit DAC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16 2.5 V to 5.5 V, 400 µA, Quad Voltage Output 8-Bit DAC in a 16-Lead TSSOP; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 400 muA, Quad Voltage Output 2.5 V to 5.5 V, 400 μA, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP 2.5 V to 5.5 V, 400 muA, Quad Voltage Output
|
Analog Devices, Inc.
|
|