PART |
Description |
Maker |
GLT6100L08LL-100ST GLT6100L08LL-100TS GLT6100L08LL |
100ns; Ultra low power 128k x 8 CMOS SRAM 55ns; Ultra low power 128k x 8 CMOS SRAM 70ns; Ultra low power 128k x 8 CMOS SRAM 85ns; Ultra low power 128k x 8 CMOS SRAM
|
G-LINK Technology
|
IS62WV1288DALL/DBLL IS65WV1288DALL/DBLL |
128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution, Inc
|
MAX6380 MAX6380R33-T MAX6380R34-T MAX6380R35-T MAX |
3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors Ultra-low-power voltage detector, 2.4V Ultra-low-power voltage detector, 2.8V Ultra-low-power voltage detector, 3.4V Ultra-low-power voltage detector, 3.3V Ultra-low-power voltage detector, 4.2V 3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 2-W Stereo Audio Power Amplifier with DirectPath(TM) Headphone and Regulator 32-QFN -40 to 85 50-mW Ultra Low-Voltage Stereo Headphone Audio Amplifier 8-MSOP -40 to 85 3-Pin Ultra-Low-Power SC70/SOT23 Voltage Detectors " 3-Pin, Ultra- Low-Power, SC70 Voltage Detector" "3-Pin, Ultra- Low-Power, SC70 Voltage Detector" 3-Pin / Ultra-Low-Power SC70/SOT23 Voltage Detectors Ultra-low-power voltage detector, 4.1V Ultra-low-power voltage detector, 3.9V Ultra-low-power voltage detector, 3.6V Ultra-low-power voltage detector, 3.7V Ultra-low-power voltage detector, 2.2V Ultra-low-power voltage detector, 3.0V Ultra-low-power voltage detector, 4.6V
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
KM68FS1000 KM68FR1000 |
128K x8 Bit Super Low Power and Low Voltage Full CMOS Static RAM(128K x 8位超低功耗和低电压CMOS 静RAM) 128K的x8位超低功耗和低电压的CMOS全静态RAM28K的8位超低功耗和低电压的CMOS静态RAM)的
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
KM68V1000BLE_LE-L KM68U1000BLE_LE-L KM68U1000BLG-1 |
CONNECTOR ACCESSORY 连接器附 128K X 8bit Low Power and Low Voltage CMOS Statinc RAM 128K的8位低功耗和低电压的CMOS Statinc内存 (KM68V1000B / KM68U1000B) 128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
LP62S1024BM-55LLT LP62S1024BM-70LLT LP62S1024B-T L |
55ns; operating current:30mA; standby current:5uA; 128K x 8bit low voltage CMOS SRAM 128K X 8 BIT LOW VOLTAGE CMOS SRAM
|
AMICC[AMIC Technology]
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
NM27LV010 NM27LV010V250 NM27LV010TE250 NM27LV010VE |
1,048,576-Bit (128k x 8) Low Voltage EPROM 1048576-Bit (128k x 8) Low Voltage EPROM
|
FAIRCHILD[Fairchild Semiconductor]
|
CY7C4281V CY7C4261V-15JC CY7C4261V-15JI CY7C4281V- |
CONNECTOR ACCESSORY 16K X 9 OTHER FIFO, 10 ns, PQCC32 Power Resistor; Series:MK; Resistance:50Mohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 16K X 9 OTHER FIFO, 8 ns, PQCC32 16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs 128K X 9 OTHER FIFO, 15 ns, PQCC32 16K/32K/64K/128K x 9 Low-Voltage Deep Sync\TM FIFOs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
N01L83W2AT5I N01L83W2AT5IT N01L83W2AN25I N01L83W2A |
1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K ? 8 bit 1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K × 8 bit
|
ON Semiconductor
|