PART |
Description |
Maker |
IRLBA1304P IRLBA1304 |
HEXFET? Power MOSFET 40V Single N-Channel HEXFET Power MOSFET in a Super 220 (TO-273AA) package HEXFET Power MOSFET(HEXFET 功率MOS场效应管)
|
International Rectifier
|
IRFI9Z34N IRFI840G IRFI9Z34NPBF |
-55V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET (-55V, 0.1ohm, -14A)
|
IRF[International Rectifier]
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
AM29F016B-120FC AM29F016B-120FI AM29F016B-75FC AM2 |
100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS4410 with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to the IRFZ44VL with Lead Free packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL4610 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU48Z with Lead Free Packaging 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ44VZS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFS4410 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS4410ZPBF with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ44VZS with Lead-Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3007 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2505 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7832Z with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF3007L with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRL1104L with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3007 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR3103 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU3412 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ46N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ46Z with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB41N15D with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU48Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU3707ZCPBF with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1404L with Standard Packaging PDP Switch 230V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4233PBF with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF1404L with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU7833 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU7833 with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3714ZS with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRL2505 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7831 with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF3007L with Lead Free Packaging x8闪存EEPROM
|
Advanced Micro Devices, Inc. Cinch Connectors
|
IRF7314Q |
-20V Dual P-Channel HEXFET Power MOSFET in a SO-8 package HEXFET? Power MOSFET HEXFET? Power MOSFET
|
International Rectifier
|
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
Amphenol, Corp.
|
IRFR9214 IRFU9214 IRFRU9214 |
-250V Single P-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A) HA1L-M1C53-G L6 Ovrsz ILL PB Rnd Flsh Mom SPDT 12V LED Sldr
|
IRF[International Rectifier]
|
IRF640 IRF640PBF |
200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
|
IRF[International Rectifier]
|
IRF7475 |
HEXFET Power MOSFET Selection for Non-Isolated DC/DC Converters From old datasheet system 12V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
IRFR224 IRFU224 |
250V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A) HEXFET? Power MOSFET
|
International Rectifier
|