PART |
Description |
Maker |
IDT72255 IDT72255LA10TF IDT72256LA10TF IDT72256LA1 |
8K x 18 SuperSync FIFO, 5.0V 16K x 18 SuperSync FIFO, 5.0V x18 Synchronous FIFO x18同步FIFO CMOS SUPERSYNC FIFO 先进先出的CMOS SUPERSYNC
|
IDT Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
IDT72271LA20PF8 IDT72271LA20PFI IDT72271LA10PF8 ID |
32K x 9 SuperSync FIFO, 5.0V 16K x 9 SuperSync FIFO, 5.0V CMOS SuperSync FIFO 32K X 9 OTHER FIFO, 12 ns, PQFP64
|
IDT Integrated Device Technology, Inc.
|
IDT72V7230 IDT72V7240L15BB IDT72V7230L10BB |
512 X 72 SuperSync II FIFO, 3.3V 1K x 72 SuperSync II FIFO, 3.3V 3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
|
IDT Integrated Device Technology
|
72V2111L20PFG 72V2111L20PFG8 |
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
|
Integrated Device Techn...
|
IDT7203L20J IDT7203L20JB IDT7204L20J IDT7204L20JB |
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 CMOS ASYNCHRONOUS FIFO 2048 x 9 4096 x 9 8192 x 9 and 16384 x 9 RES,SMD,100,1%,0.063W,0603 High-speed double diode - Cd max.: 1.5 pF; Configuration: dual c.c. ; IF max: 215 mA; IFSM max: 4 A; IR max: 500@VR=80V nA; IFRM: 500 mA; trr max: 4 ns; VFmax: 1@IF=50mA mV; VR max: 80 V Schottky barrier diode - Cd max.: 100@VR=4V pF; Configuration: single ; IF: 1 A; IFSM max: 25 A; IR max: 1@VR=25V mA; VFmax: 450@IF=1A mV; VR: 25 V CMOS ASYNCHRONOUS FIFO 2048 x 9/ 4096 x 9/ 8192 x 9 and 16384 x 9 Trenchmos (tm) logic level FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.34 A; R<sub>DS(on)</sub>: 3900@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 INSERT, COAX FEMALE STRAIGHTINSERT, COAX FEMALE STRAIGHT; Impedance:50R; Coaxial cable type:RG174AU/RG188AU/RG316AU 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 30 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CDIP28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. Air Cost Control INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
IDT72V3640L75PF IDT72V3650L75PF IDT72V3690L75PF ID |
3.3 VOLT HIGH-DENSITY SUPERSYNC?/a> II 36-BIT FIFO 3.3 VOLT HIGH-DENSITY SUPERSYNCII 36-BIT FIFO 32K X 36 OTHER FIFO, 6.5 ns, PQFP128 RECTIFIER STANDARD SINGLE 1A 200V 200 30A-ifsm 5uA-ir 1V-vf DO-41 5K/REEL-13 8K X 36 OTHER FIFO, 10 ns, PQFP128 Five Channel 4th Order Standard Definition Video Filter Driver; Package: TSSOP; No of Pins: 14; Container: Tape & Reel 16K X 36 OTHER FIFO, 10 ns, PQFP128 DIODE-RECT, CONTROL PIV=200V, IO>.75A 8K X 36 OTHER FIFO, 6.5 ns, PQFP128 CAP 4700PF 100V 10% X7R RAD.20 .20X.20 BULK M-MIL-PRF-39014 CAP 470PF 200V 10% X7R RAD.20 .20X.20 BULK M-MIL-PRF-39014 CAP 0.033UF 50V 10% X7R RAD.20 .20X.20 TR-16 M-MIL-PRF-39014 STANDOFF 3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
MS7202AL MS7201AL MS7200L MS7200-25FC MS7201-25FC |
25ns; 256 x 9, 512 x9, 1K x 9 CMOS FIFO 256 X 9 OTHER FIFO, 25 ns, PQCC32 25ns 256 x 9, 512 x9, 1K x 9 CMOS FIFO 256 x 9 CMOS FIFO 256 x 9, 512 x 9, 1K x 9 CMOS FIFO FIFO, Single, 256x9, Uni-directional, 5V Supply, Commercial, LDCC, 32-Pin
|
MOSEL-VITELIC Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp
|
IDT72V7290L |
3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
|
Integrated Device Techn...
|
IDT72V2113L7PFI IDT72V2103 IDT72V2103L10BC IDT72V2 |
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
|
IDT[Integrated Device Technology]
|
IDT7202 IDT72021 IDT72021L25D IDT72021L25DB IDT720 |
CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9 / 2K x 9 / 4K x 9 CLIP HOLD-DOWN FOR SP/DP MK SER CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9 异步FIFO的CMOS带重传每1000 × 9K × 9K的9 CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9 4K X 9 OTHER FIFO, 35 ns, PQCC32 CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
|