PART |
Description |
Maker |
FTD1003 |
Pch Pch Load Switching Applications
|
Sanyo Semicon Device
|
QS8J5 QS8J5TR |
4V Drive Pch Pch MOSFET
|
ROHM
|
US6J2 US6J2TR |
2.5V Drive Pch Pch MOSFET
|
Rohm
|
SH8J66 |
4V Drive Pch Pch MOSFET
|
Rohm
|
QS8J1 |
1.5V Drive Pch Pch MOSFET
|
Rohm
|
QS8J4 |
4V Drive Pch Pch MOSFET
|
Rohm
|
TT8J11 |
1.5V Drive Pch Pch MOSFET
|
Rohm
|
ECH8605 |
Pch Pch 4 A, 30 V, 0.067 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET
|
SANYO
|
UPSD3433E-40T6 UPSD3453E-40U6T UPSD3453E-40T6T UPS |
MOSFET, Switching; VDSS (V): 40; ID (A): 40; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.0038; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2280; toff (µs) typ: 0.041; Package: LFPAK MOSFET, Switching; VDSS (V): 30; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0025; RDS (ON) typ. (ohm) @4V[4.5V]: [0.003]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7600; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 20; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0021; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0028]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7750; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 450; ID (A): 0.7; Pch : -; RDS (ON) typ. (ohm) @10V: 5.5; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 140; toff (µs) typ: -; Package: SOP-8 MOSFET, Switching; VDSS (V): 12; ID (A): 3.5; Pch : 0.9; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.026]; RDS (ON) typ. (ohm) @2.5V: 0.034; Ciss (pF) typ: 770; toff (µs) typ: 0.036; Package: CMFPAK-6 MOSFET, Switching; VDSS (V): 80; ID (A): 30; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.01; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0115]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 3520; toff (µs) typ: -; Package: WPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制 Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic Turbo Plus系列高速涡032 USB和可编程逻辑控制 MOSFET, Switching; VDSS (V): 100; ID (A): 25; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.012; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 4350; toff (µs) typ: 0.037; Package: LFPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制
|
意法半导 STMicroelectronics N.V.
|
FX6ASJ-06 |
Pch POWER MOSFET HIGH-SPEED SWITCHING USE 6 A, 60 V, 0.21 ohm, P-CHANNEL, Si, POWER, MOSFET MITSUBISHI Pch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
FW360 |
Pch Nch
|
SANYO
|
|