PART |
Description |
Maker |
GMS81608 GMS81608K GMS81608PL GMS81608T GMS8160XK |
LG Semicon 8-bit Microcontrollers LG电子半导位微控制 IC VOICE REC/PLAY 16MIN 28-SOIC IC VOICE REC/PLAY 16MIN 28-DIP
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
HA12133MP |
PRE, REC, eguallzer IC for R-DAT PRE,REC,EQUALLZER IC FOR R-DAT
|
Hitachi Semiconductor
|
ISD4004-08MEY ISD4004-08MPY ISD4004-16MPY |
IC VOICE REC/PLAY 8MIN 28-TSOP 480 SEC, SPEECH SYNTHESIZER WITH RCDG, PDSO28 IC VOICE REC/PLAY 8MIN 28-DIP 480 SEC, SPEECH SYNTHESIZER WITH RCDG, PDIP28 IC VOICE REC/PLAY 16MIN 28-DIP 960 SEC, SPEECH SYNTHESIZER WITH RCDG, PDIP28
|
Winbond Electronics, Corp.
|
87368-3425 87368-3225 87368-3825 87368-3424 87368- |
MGrid Rec S/E SMT D.R. .76AuLF 34Ckt 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 32Ckt 32 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 38Ckt 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 34POS 2MM SMD GOLD 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .38AuLF 50Ckt 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 28POS 2MM SMD GOLD 28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 42Ckt 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 44Ckt 44 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 42POS 2MM SMD GOLD 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 873681025 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
5013001539 501330-0739 501330-0639 501330-1000 501 |
1.0 WIRE TO BOARD CONN. 1-ROW RECEPACLE HOUSING 6-15CKT. 1.0 W/B 1-Row Rec Hsg 10Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 1.0 W/B 1-Row Rec Hsg 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 1.0 W/B 1-Row Rec Hsg 8Ckt 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, RECEPTACLE
|
Molex Electronics Ltd. Molex, Inc. MOLEX INC
|
CPW2-0650-S006B |
Z-Rec? Rectifier
|
Wolfspeed
|
CPW5-1700-Z050B |
Z-Rec? Rectifier
|
Wolfspeed
|
47279-3000 67492-1631 |
SATA HOST REC. THROUGH HOLE TYPE 22 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE SATA HOST REC. R/A SMT TYPE 22 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
CXA1702AR |
4-channel REC/PB Amplifier for 8 mm VCR
|
SONY[Sony Corporation]
|
UPC1290C |
REC / PB Audio Head Switch
|
NEC Electronics
|
0524840410 52484-0410 |
2.0 W/B CONN. IDT REC. HSG ASSY
|
Molex Electronics Ltd.
|
|