PART |
Description |
Maker |
B40C800DM B80C800DM B380C800DM B250C800DM B125C800 |
IND. 10 UH 5% 200 MA, 2 AMP 0.1 OHM 微型玻璃钝化单相桥式整流 MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 微型玻璃钝化单相桥式整流 INDUCTOR, SMT, 1210 SERIES
|
GE Security, Inc. GE[General Semiconductor]
|
CQ220-16 CQ220-16B CQ220-16D CQ220-16M CQ220-16N |
Leaded Thyristor TRIAC 16 AMP TRIAC 200 THRU 800 VOLTS 800 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 600 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 16安培可控00 7860 800伏特
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
ADA4891-3ARU-EBZ ADA4891-4ARU-EBZ ADA4891-1ARJ-EBZ |
Low Cost CMOS, High Speed, Rail-To-Rail Amplifiers, Package: MICRO SOIC, 8 Pin, Ind Temp -40°C – 125 °C, 7" Tape and Reel MSOP RM-8 H1U OP-AMP, PDSO8 Low Cost CMOS, High Speed, Rail-To-Rail Amplifiers, Package: SOIC 150 MIL, 8 Pin, Ind Temp -40°C – 125 °C, 7" Tape and Reel R-8 OP-AMP, PDSO8 Low Cost CMOS, High Speed, Rail-To-Rail Amplifiers, Package: SOIC 150 MIL, 8 Pin, Ind Temp -40°C – 125 °C, 13" Tape and Reel R-8 OP-AMP, PDSO8 Low Cost CMOS, High Speed, Rail-To-Rail Amplifiers, Package: MICRO SOIC, 8 Pin, Ind Temp -40°C – 125 °C, MSOP 13" Tape and Reel RM-8 H1U OP-AMP, PDSO8 Low Cost CMOS, High Speed, Rail-To-Rail Amplifiers , Package: SOIC 150 MIL, 8 Pin, Temp: Ind -40°C – 125 °C OP-AMP, PDSO8 Low Cost CMOS, High Speed, Rail-To-Rail Amplifiers , Package: SOIC 150 MIL, 8 Pin, Temp: Ind -40°C – 125 °C, 7" Tape and Reel R-8 Low Cost CMOS, High Speed, Rail-To-Rail Amplifiers , Package: SOT23 5/6/8 Leads, 5 Pin, Temp: Ind -40°C – 125 °C, 13" Tape and Reel RJ-5 H1W Low Cost CMOS, High Speed, Rail-To-Rail Amplifiers, Package: MICRO SOIC, 8 Pin, Ind Temp -40°C – 125 °C, MSOP RM-8 H1U
|
Analog Devices, Inc. ANALOG DEVICES INC
|
EHA2-2602/883B EHA7-2602-2 EHA7-2602/883B EHA7-262 |
39µA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps; Temperature Range: Full-Range; Package: 6-SOT-23 T&R Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp; Temperature Range: Full-Range Ind; Package: 10-uTQFN T&R Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp; Temperature Range: Full-Range Ind; Package: 16-QSOP Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps; Temperature Range: Full-Range Ind; Package: 16-QSOP Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
TE Connectivity, Ltd.
|
C2111 P2111 AM9111C/BVA AM91L11A/BVA AM91L11C/BVA |
Turbo 2 ultrafast high voltage rectifier 10MHZ, SOIC, IND TEMP, 1.8V(MCU AVR) 20MHZ, PDIP, IND TEMP, 5V(MCU AVR) 2MHz, NARROW SOIC, IND TEMP, GREEN,(MCU AVR) 10MHZ, PDIP, IND TEMP, 1.8V(MCU AVR) x4 SRAM x4的SRAM
|
Energizer Holdings, Inc.
|
ISL3180EIBZ ISL3179EFRZ-T ISL3179EIRZ-T ISL3179EFU |
High ESD Protected, 125°C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers ±15kV ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers; Temperature Range: Full-Range Ind; Package: 10-DFN T&R LINE TRANSCEIVER, PDSO10 ±15kV ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R LINE TRANSCEIVER, PDSO10 ±15kV ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers; Temperature Range: Full-Range Ind; Package: 8-MSOP T&R LINE TRANSCEIVER, PDSO8 ±15kV ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers; Temperature Range: Full-Range Ind; Package: 8-SOIC LINE TRANSCEIVER, PDSO8
|
Intersil Corporation Intersil, Corp.
|
ISC1812BN8R2K ISC1812ES4R7K ISC1812BN1R5J ISC1812E |
General Fixed Inductor, IND,POWDERED IRON,8.2UH,10% TOL,10% -TOL,1812 CASE General Fixed Inductor, 1 ELEMENT, 4.7 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD, CHIP, 1812, HALOGEN FREE AND ROHS COMPLIANT General Fixed Inductor, IND,POWDERED IRON,1.5UH,5% TOL,5% -TOL,1812 CASE General Fixed Inductor, IND,FERRITE,120UH,5% TOL,5% -TOL,1812 CASE General Fixed Inductor, IND,FERRITE,560UH,5% TOL,5% -TOL,1812 CASE General Fixed Inductor, IND,FERRITE,270UH,10% TOL,10% -TOL,1812 CASE General Fixed Inductor, IND,POWDERED IRON,22UH,5% TOL,5% -TOL,1812 CASE ISC-1812 Wirewound, Surface Mount, Molded, Shielded Inductors IND CHIP SHLD/MLD 330NH 5% 25.2MHZ 30Q-FCTR 394MA 1812 - Bulk IND CHIP SHLD/MLD 150NH 20% 25.2MHZ 30Q-FCTR 491MA 1812 - Tape and Reel General Fixed Inductor, IND,POWDERED IRON,10UH,10% TOL,10% -TOL,1812 CASE
|
Vishay Dale
|
X28HC16J-55 X28HC16SI-55 X28HC16J-90 X28HC16PI-70 |
90NS, 44 PLCC, IND TEMP(FLASH) x8 EEPROM 120NS, TSOP, COM TEMP(FLASH) 150NS, 44 TSOP, IND TEMP(FLASH) 90NS, TSOP, IND TEMP(FLASH) 70NS, TSOP, IND TEMP, GREEN(FLASH) x8的EEPROM
|
Electronic Theatre Controls, Inc.
|
CS218-35D CS218-35PB CS218-35B CS218-35N CS218-35M |
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 400 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 200 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 600 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 800 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1000 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1200 V, SCR, TO-218
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
AT28HC256F-12UM_883 AT28HC256F-90FM_883 AT28HC256E |
256 (32K x 8) High-speed Parallel EEPROM 32K X 8 EEPROM 5V, 90 ns, PQCC32 PLASTIC, MS-016AE, LCC-32 70NS, TSOP, IND TEMP(EEPROM) 32K X 8 EEPROM 5V, 70 ns, PDSO28 70NS, PLCC, IND TEMP, GREEN PKG(EEPROM) 32K X 8 EEPROM 5V, 70 ns, PQCC32 90NS, PDIP, IND TEMP, GREEN(EEPROM) 32K X 8 EEPROM 5V, 90 ns, PDIP28 120NS, SOIC, IND TEMP, GREEN(EEPROM) 32K X 8 EEPROM 5V, 120 ns, PDSO28
|
ATMEL Corporation Atmel, Corp. ATM Electronic, Corp.
|
CS218I-50M CS218I-50P CS218I-50B CS218I-50PB CS218 |
ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 600 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 1000 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 200 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 1200 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 800 V, SCR, TO-218
|
Central Semiconductor, Corp.
|
|