PART |
Description |
Maker |
ADMC401-PB ADMC401BST ADMC401-15 |
Single-Chip/ DSP-Based High Performance Motor Controller Single-Chip, DSP-Based High Performance Motor Controller
|
Analog Devices, Inc.
|
TEF6657 TEF665X |
DSP-based radio tuner one-chip
|
NXP
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
585-2325 585-2225 585-2211 585-2413 585-2415 585-2 |
Multi-Chip BASED LED T 1 3/4 Wedge BASED LEDs-MULTI-CHIP SINGLE COLOR DISPLAY CLUSTER, RED, 5.9 mm
|
Dialight Corporation Dialight PLC
|
ADSP-21160NCB-TBD ADSP-21160NKB-95 ADSP-21160N |
ADSP-21160N High Performance 32-Bit SHARC DSP DSP Microcomputer 64-BIT, 47.5 MHz, OTHER DSP, PBGA400 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
Analog Devices, Inc.
|
585-4XXX 585-3111 585-3121 585-31X3 585-31X5 585-3 |
Multichip LED; LED Color:Green; Luminous Intensity:75mcd; Forward Current:15mA; Color:Green; Leaded Process Compatible:No; Mounting Type:Bayonet Base; Peak Reflow Compatible (260 C):No RoHS Compliant: No 585 SERIES BASED LEDs-MULTI-CHIP SINGLE COLOR DISPLAY CLUSTER, ULTRA RED, 5.9 mm 585 SERIES BASED LEDs-MULTI-CHIP SINGLE COLOR DISPLAY CLUSTER, ULTRA RED, 10.16 mm
|
Dialight PLC DIALIGHT[Dialight Corporation]
|
A3131 |
universal DSP-based PFC solution with Switching-mode
|
alpha microelectronics gmbh
|
ADMC326YN-XXX-YY ADMC326YR-XXX-YY ADMC326TR-XXX-YY |
28-Lead ROM-Based DSP Motor Controller 电机控制
|
Analog Devices
|
AT76C112 |
A highly integrated solution for Digital Cameras and image playback devices. It includes JPEG decompression with DSP scaling. Can support motion playing files that are JPEG based. High Performance Digital Camera Processor
|
ATMEL Corporation
|
PCI-1285-AE PCI-1285-15 PCI-1265AE PCI-1245-AE |
DSP-based 4/6/8-axis Stepping and Servo Motor Control Universal PCI Card
|
Advantech Co., Ltd.
|
PCI-1285E-AE PCI-1285E-15 PCI-1245E-AE |
Economic DSP-based 4/8-axis Stepping and Servo Motor Control Universal PCI Card
|
Advantech Co., Ltd.
|