PART |
Description |
Maker |
MAX172 MAX172ACNG MAX172ACWG MAX172AING MAX172AMRG |
RECTIFIER 6A 200V R-6 JT 4C 4#16 PIN RECP Replaced by TMS320VC5506 : Digital Signal Processors 100-LQFP 0 to 0 Complete 10レs CMOS 12-Bit ADC Complete 10s CMOS 12-Bit ADC Complete 10us CMOS 12-Bit ADC
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD774BAR AD774BBR AD674 AD774BTD AD674BAR AD674BBR |
0-16.5V; 825mW; complete 12-bit A/D Converter Complete 12-Bit A/D Converters 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 Complete 12-Bit A/D Converters 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 Complete 12-Bit Successive Approximation Analog-to-Digital Converters With Three-State Output and 8 us Conversion
|
Analog Devices, Inc. AD[Analog Devices] http://
|
5962-89629013X 5962-8962902LX AD7569ACHIPS AD7569T |
LC2MOS Complete, 8-Bit Analog I/0 Systems LC2MOS Complete, 8-Bit Analog I/0 Systems SPECIALTY ANALOG CIRCUIT, PQCC28 LC2MOS Complete/ 8-Bit Analog I/0 Systems CMOS, Complete 8-Bit Analog I/0 Port with Single DAC Output
|
Analog Devices, Inc.
|
AD7572TQ12 AD7572KP05 AD7572KP12 AD7572KN12 AD7572 |
RELAY REED MINI SIP SPDT-CO 5V LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 Analog to Digital Converter 模数转换 MOSFET Diode-OR Controller; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 12-Bit, 200kSPS Micro Power Sampling Analog-To-Digital Converter 8-SOIC -40 to 85 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C LC2MOS COMPLETE/ HIGH SPEED 12-BIT ADC LC2MOS COMPLETE HIGH SPEED 12-BIT ADC LC2MOS Complete, High Speed 12-Bit ADC LC<SUP>2</SUP>MOS Complete, High Speed 12-Bit ADC
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
K4H510438B-UC/LA2 K4H510838B-UC/LA2 K4H510438B-UC/ |
8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-PDIP 512MB的乙芯片DDR SDRAM内存规格 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-SOIC 8-Bit, 22 kSPS ADC Serial Out, uProcessor Periph./Standalone, Mux option w/SE or differential, 2 Ch. 8-SOIC 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-SSOP 0 to 70 512Mb B-die DDR SDRAM Specification
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. http://
|
AD7847ANZ AD7837 AD7837AN AD7847AQ |
LC2MOS Complete, Dual 12-Bit MDAC, Parallel Loading Structure DUAL, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDIP24 LC2MOS Complet, Dual 12-Bit MDACs LC MOS Complete, Dual 12-Bit MDACs LC2MOS Complete, Dual 12-Bit MDACS
|
Analog Devices, Inc.
|
EVAL-AD7989-5SDZ |
18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
|
Analog Devices
|
AD977 AD977A AD977AAN AD977AAR AD977AARS AD977ABN |
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
|
AD[Analog Devices]
|
CS5101A-BL8Z CS5102A-JLZ CS5101A-JL8Z CS5102A-BLZ |
16-bit, 100 kSps / 20 kSps A/D Converters
|
Cirrus Logic, Inc.
|
7812 AD7811YRU AD7811YN AD7812YRZ AD7812YR-REEL7 |
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs 10-Bit, 8-Channel, 350 kSPS, Serial A/D Converter 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20
|
Analog Devices, Inc.
|
AD558T AD558KD AD558JP AD558TD AD558SD AD558JN AD5 |
DACPORT, Low-Cost Complete 渭P-Compatible 8-Bit DAC(瀹??????????浣?/A杞???? DACPORT, Low-Cost Complete μP-Compatible 8-Bit DAC(完备的电压输位D/A转换 RECTIFIER BRIDGE 1.5A 50V WOG DACPORT Low Cost. Complete uP-Compatible 8-Bit DAC DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC DACPORT Low Cost/ Complete uP-Compatible 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AD7923BRU EVAL-AD7923CB2 AD7923 |
Four Wall Header; No. of Contacts:60; Pitch Spacing:0.1"; No. of Rows:2; Gender:Header; Body Material:Glass-filled Polyester; Contact Plating:Nickel; Leaded Process Compatible:No; Mounting Type:Through Hole RoHS Compliant: No 4-Channel 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP 4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP 4-Channel 200 kSPS, 12-Bit A/D Converter with Sequencer in 16-Lead TSSOP
|
ADC AD[Analog Devices]
|