PART |
Description |
Maker |
104-232 104-230 104-234 104-238 104-236 104-222 10 |
VGA MALE TO FEMALE 50 METRE LEAD VGA PLUG-PLUG 2M LEAD VGA PLUG-PLUG 6M LEAD VGA PLUG-PLUG 3M LEAD VGA PLUG-SKT 3M LEAD VGA PLUG-SKT 10M LEAD VGA PLUG-SKT 6M LEAD VGA PLUG-SKT 20M LEAD VGA PLUG-PLUG 10M LEAD VGA PLUG-PLUG 20M LEAD VGA PLUG-PLUG 30M VGA MALE TO MALE 50 METRE LEAD VGA PLUG-SKT 30M 铅VGA插头,SK电讯3000
|
SCHURTER AG
|
LD2981CU50TR LD2981 LD2981ABM25TR LD2981ABM28TR LD |
4.7 V FIXED POSITIVE LDO REGULATOR, 0.375 V DROPOUT, PSSO3 GT 5C 3#12 2#8 SKT PLUG GT 7C 7#8 SKT PLUG GT 7C 7#8 PIN PLUG AB RJ-11 CARD 4 WIRE GT 6C 2#8 4#16 SKT PLUG 极低降稳压器与抑制研 GT 8C 8#16 SKT PLUG 极低降稳压器与抑制研 VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT LOW ESR OUTPUT CAPACITORS COMPATIBLE 极低降稳压器低ESR输出电容器兼容与抑制研究 VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT 极低降稳压器与抑制研 71-580462-17P 极低降稳压器与抑制研 3.2 V FIXED POSITIVE LDO REGULATOR, 0.375 V DROPOUT, PDSO5
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
M58BW016BB100T3T M58BW016BB100T6T M58BW016BB100ZA3 |
16 Mbit 512Kb x32 / Boot Block / Burst 3V Supply Flash Memories ER 16C 14#16 2#12 SKT PLUG ER 16C 14#16 2#12 PIN PLUG ER 22C 18#16 4#12 PIN PLUG ER 12C 12#12 PIN PLUG ER 22C 18#16 4#12 SKT PLUG ER 8C 8#12 SKT PLUG ER 2C 2#4 SKT PLUG 16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories 16兆位512KB的X32号,引导块,突发3V电源闪存 ER 26C 26#16 PIN PLUG 16兆位512KB的X32号,引导块,突发3V电源闪存
|
ST Microelectronics 意法半导 STMicroelectronics N.V. SGS Thomson Microelectronics
|
PALCE20V8H-10JC/4 PALCE20V8H-10PC/4 PALCE20V8H-15J |
EE CMOS 24-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PQCC28 EE CMOS 24-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PDIP24 KPT 19C 19#20 SKT PLUG KPTC 6C 6#20 SKT PLUG KPTC 4C 4#20 SKT PLUG KPT 19C 19#20 PIN PLUG
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
LT1085CT-12 LT1085CT-3.3 LT1085CT-3.6 LT1085CT-5 L |
TV 128C 128#22D SKT PLUG 3A/ 5A/ 7.5A Low Dropout Positive Fixed Regulators From old datasheet system TV 37C 37#16 PIN PLUG 3A, 5A, 7.5A Low Dropout Positive Fixed Regulators 12 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 TV 30C 30MIX SKT PLUG RECP IC-VOLTAGE REGULATOR 12V
|
Seme LAB LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
AM29LV081-100EIB AM29LV081-100EE AM29LV081-100ECB |
TV 27C 19#20 4#16 4#12 SKT PLU TV 79C 79#22D SKT PLUG 8兆位米8位)的CMOS 3.0伏特,只有统一部门闪存 TV 79C 79#22D PIN PLUG RECP 8兆位米8位)的CMOS 3.0伏特,只有统一部门闪存 TV 41C 41#20 SKT PLUG 1M X 8 FLASH 3V PROM, 120 ns, PDSO40 TV 41C 41#20 SKT PLUG RECP 1M X 8 FLASH 3V PROM, 120 ns, PDSO40 TV 41C 41#20 SKT PLUG RECP 8兆位米8位)的CMOS 3.0伏特,只有统一部门闪存 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory 8兆位米8位)的CMOS 3.0伏特,只有统一部门闪存 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory 8兆位1米8位)的CMOS 3.0伏特,只有统一部门闪存 TV 27C 27MIX PIN PLUG RECP 1M X 8 FLASH 3V PROM, 100 ns, PDSO40
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
EDS2532CABH-1A-E EDS2532CABH-75-E EDS2532CABH-1AL- |
GT 25C 25#12 PIN PLUG 8M X 32 SYNCHRONOUS DRAM, 6 ns, PBGA90 256M bits SDRAM (8M words x 32 bits) GT 5C 3#4 2#16 PIN PLUG GT 3C 3#0 SKT PLUG
|
http:// Elpida Memory, Inc.
|
PBM3960N PBM3960 PBM3960-1 PBM39601NS PBM39601QNS |
KPTC 6C 6#20 SKT PLUG 的微控制双数字到模拟转换 KPTC 6C 6#20 PIN PLUG Microstepping Controller/Dual Digital-to-Analog Converter
|
ERICSSON[Ericsson] Ericsson Microelectronics
|
C6086-54 C6086 C6086-03 C6086-04 C6086-13 C6086-14 |
TV 37C 37#16 PIN PLUG X射线CCD相机 TV 43C 23#20 20#16 SKT PLUG RE X射线CCD相机 X-Ray CCD Camera
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
S71PL129JB0BAW9U3 S71PL129JB0BAI9U0 S71PL129JB0BAI |
JT 18C 18#20 PIN WALL RECP 堆叠式多芯片产品(MCP)的快闪记忆 JT 15C 14#20 1#16 PIN WALL REC SPECIALTY MEMORY CIRCUIT, PBGA64 JT 15C 14#20 1#16 SKT PLUG 堆叠式多芯片产品(MCP)的快闪记忆 JT 37C 37#22D SKT PLUG Circular Connector; No. of Contacts:37; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:14-35 RoHS Compliant: No Stacked Multi-Chip Product (MCP) Flash Memory
|
Spansion, Inc. Spansion Inc.
|