PART |
Description |
Maker |
74AHC1G126GV 74AHCT1G126GM 74AHCT1G126GW 74AHCT1G1 |
Bus buffer-line driver; 3-state 总线缓冲线路驱动器,三 Bus buffer-line driver; 3-state AHCT/VHCT/VT SERIES, 1-BIT DRIVER, TRUE OUTPUT, PDSO6 Bus buffer/line driver; 3-state
|
NXP Semiconductors N.V.
|
74LCX16541 8741 74LCX16541TTR |
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED) From old datasheet system 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics STMicroelectronics
|
74LVX16244 74LVX16244TTR |
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED), 5V TOLERANT INPUTS 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED), 5V TOLERANT INPUTS 16-BIT BUS BUFFER (NON INVERTED) WITH 3-STATE OUTPUTS, 5V TOLERANT INPUT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
74VHCT16244 74VHCT16244A 74VHCT16244ATTR |
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED) 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
74VHC16244TTR 74VHC16244 |
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
|
STMICROELECTRONICS[STMicroelectronics]
|
HD74LS367 HD74LS367A HD74LS367AP 74LS367 |
Hex Bus Drivers with noninverted 3-state outputs 2-Bit/4-BitBuffer/Driver
Hex Bus Drivers(non-inverted data outputs with three-state outputs) 2-Bit/4-Bit Buffer/Driver
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
74VHCT541A 6535 74VHCT541AM 74VHCT41AT -74VHCT541A |
Octal Transparent D-Type Latches With 3-State Outputs 20-SSOP -40 to 85 八路总线缓冲器与三态输出的非反 OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
74LVX16240 74LVX16240TTR |
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED), 5V TOLERANT INPUT
|
STMicroelectronics
|
IDT74ALVCH162244PA IDT74ALVCH162244PF IDT74ALVCH16 |
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT[Integrated Device Technology]
|
UM316M UM320MS UM316S UM320S UM321 UM323 UM322S UM |
32-bit embedded superH device N-channel 300V - 0.36O - 9A PowerFLAT Zener-protected SuperMESH Power MOSFET N-CHANNEL 600V - 2.8 Ohm - 2A DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET N-CHANNEL 24V - 0.0052 Ohm - 60A DPAK/IPAK STRIPFET III POWER MOSFET 256Kbit (32K x 8) serial RTC Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs/outputs (non inverted) 8-bit intelligent controller unit (ICU), two timer/PWMs, ADC, I2C, SPI, SCI Dual 4:1 channel analog mux/demux with injection current protection MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS 8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER Dual 2-input Shmitt trigger NAND gate 300mW at 3.3V Supply Audio Power Amplifier with Standby Mode Active High 模拟IC Dual 2-input NOR gate 输入或非 Dual bus buffer (3-state) 模拟IC Single bus buffer (3-state) 16-bit D-type flip flop with 3-state outputs non inverting
|
Microsemi, Corp.
|