PART |
Description |
Maker |
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74ACT244 74ACT244B 74ACT244M 74ACT244T 4825 |
Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset 14-SOIC 0 to 70 OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
M74HC241HV M74HC241HVB1R M74HC241HVC1R M74HC241HVF |
Octal Bus Buffer with 3 State Outputs(涓??杈??????荤嚎缂???????)) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC240HV: INVERTED - HC241HV NON INVERTED
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] http://
|
MC74VHCT244ADT MC74VHCT244A ON1748 MC74VHCT244ADW |
From old datasheet system OCTAL BUS BUFFER/LINE DRIVER INVERTING WITH 3-STATE OUTPUTS Octal Bus Buffer/Line Driver with 3-State Outputs
|
http:// ON Semiconductor Motorola
|
BXB100-48S05FLT BXB100-48S15FLT BXB100 BXB100-24S1 |
Low voltage octal bus buffer with 3 state outputs (non inverted) Quad exclusive OR gate Quad bilateral switch Low voltage octal bus buffer with 3 state outputs (inverted) Low voltage CMOS octal D-type latch with 3 state outputs non inverting Low voltage CMOS quad 2-input OR gate Octal D-type flip flop with clear 66-100W Wide Input DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
74VHC244 74VHC244M 74VHC244T 6169 |
From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
|
STMICROELECTRONICS[STMicroelectronics]
|
ASM3P2779AG-08TT ASM3I2779A-06OR ASM3I2779A-08SR A |
Low Power Peak EMI Reducing Solution Octal Bus Transceiver With 3-State Outputs 20-SSOP -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-VQFN -40 to 85 COMMERCIAL THER Octal Bus Transceivers With 3-State Outputs 20-BGA MICROSTAR JUNIOR -40 to 85
|
ALSC[Alliance Semiconductor Corporation]
|
74AC244 74AC244B 74AC244M |
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
|
http:// STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
TC74VHCT541AF TC74VHCT541AFT TC74VHCT541AFW |
OCTAL BUS BUFFER NON-INVERTED, 3-STATE OUTPUTS
|
TOSHIBA
|
M74HC7240TTR |
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
|
SGS Thomson Microelectronics
|
74VHC541MTR 74VHC54104 74VHC541TTR |
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
|
STMicroelectronics
|