PART |
Description |
Maker |
HEF40106 HEF40106B HEF40106BD HEF40106BF HEF40106B |
Hex inverting Schmitt trigger 六反相施密特触发 gates Hex inverting Schmitt trigger HEF40106B; Hex inverting Schmitt trigger Hex inverting Schmitt trigger; Package: SOT108-1 (SO14); Container: Tube HEX 1-INPUT INVERT GATE, PDSO14 Hex inverting Schmitt trigger; Package: SOT108-1 (SO14); Container: Reel Pack, SMD, 13"
|
List of Unclassifed Manufacturers NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
U3525-S16-T U3525-S16-R U3525-D16-T U74AHC1G00L-AF |
SINGLE SCHMITT-TRIGGER BUFFER SINGLE SCHMITT-TRIGGER INVERTER QUADRUPLE 2-INPUT POSITIVE-OR GATES 2-INPUT OR GATE 2-INPUT NOR GATE HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER QUADRUPLE 2-INPUT POSITIVE-NAND GATES 2-INPUT EXCLUSIVE-OR GATE SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT BILATERAL SWITCH 2-INPUT AND GATE 2-INPUT NAND GATE REGULATING PWM IC
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
74HC7541DB 74HC7541N |
Octal Schmitt trigger buffer/line driver; 3-state
|
NXP Semiconductors
|
XC7SH14GV XC7SH14GW XC7SH14 |
High-speed Si-gate CMOS device, inverting buffer function with Schmitt trigger action Inverting Schmitt trigger
|
NXP Semiconductors
|
MC74HC14A MC74HC14AD MC74HC14ADR2 MC74HC14ADT MC74 |
Hex Schmitt-Trigger High-Performance Silicon-Gate CMOS Hex Schmitt-Trigger Inverter
|
ONSEMI[ON Semiconductor]
|
74HC2G17GV 74HCT2G17GV 74HC2G17GW 74HC2G17 74HCT2G |
Dual non-inverting Schmitt-trigger; Package: SOT457 (SC-74); Container: Tape reel smd, Reverse HCT SERIES, DUAL 1-INPUT NON-INVERT GATE, PDSO6 Dual non-inverting Schmitt trigger
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
TC74VHCV541FK TC74VHCV540FT TC74VHCV540FK TC74VHCV |
Octal Schmitt Bus Buffer
|
Toshiba Semiconductor
|
MC100EP80906 MC100EP809FAG MC100EPT2106 MC74VHCT02 |
Inverting Octal Bus Buffer; Package: SOEIAJ-20; No of Pins: 20; Container: Rail; Qty per Container: 40 AHCT/VHCT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 PNP DIGITAL TRANSISTOR (BULT-IN RESISTORS) 3.3V ECL Programmable Delay Chip with FTUNE 5V ECL 8-Bit Scannable Register 3.3V ECL Phase?Frequency Detector Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?Compatible Inputs Octal D?Type Flip?Flop with 3?State Output Octal D?Type Latch with 3?State Output 8?Bit Addressable Latch/1?of?8 Decoder CMOS Logic Level Shifter with LSTTL?Compatible Inputs Octal Bus Transceiver Quad 2?Channel Multiplexer Hex Schmitt Inverter Dual 2?to?4 Decoder/ Demultiplexer 3?to?8 Line Decoder Quad 2?Input NAND Schmitt Trigger Quad 2?Input AND Gate Hex Inverter Quad 2?Input NOR Gate 3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator 3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
|
ONSEMI[ON Semiconductor] UTC
|
NC7WP14P6X NC7WP14 NC7WP14L6X |
TinyLogic ULP Inverter with Schmitt Trigger Inputs TinyLogic ULP Dual Inverter with Schmitt Trigger Inputs RECTIFIER BRIDGE 1.5A 50V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE P SERIES, DUAL 1-INPUT INVERT GATE, PDSO6
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74ACTQ14 74ACTQ14MTC 74ACTQ14PC 74ACTQ14SC |
Quiet SeriesHex Inverter with Schmitt Trigger Input ACT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Quiet Series Hex Inverter with Schmitt Trigger Input From old datasheet system
|
Fairchild Semiconductor, Corp.
|
MAX722 MAX722CSE MAX722ESE MAX722EVKIT-SO MAX722-M |
PALMTOP COMPUTER AND LCD POWER SUPPLY REGULATORS Dual Monostable Multivibrators With Schmitt-trigger Inputs 16-CFP -55 to 125 Dual Monostable Multivibrators With Schmitt-trigger Inputs 16-CDIP -55 to 125
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|