PART |
Description |
Maker |
Q67060-S7432 P-TO220-3-1 P-TO263-3-2 P-TO262-3-1 P |
Low Voltage MOSFETs - Power MOSFET, 100V, TO-262, RDSon=33mOhm, 47A, LL SIPMOS垄莽 Power-Transistor SIPMOS庐 Power-Transistor SIPMOS? Power-Transistor SIPMOS㈢ Power-Transistor
|
Infineon Technologies AG
|
2SA2118 |
Power Device - Power Transistors - General-Purpose power amplification Power Transistors Silicon PNP epitaxial planar type
|
PANASONIC[Panasonic Semiconductor]
|
RFS1006 PRFS-1006-0007 PRFS-1006-0008 PRFS-1006-00 |
3.4-3.6 GHz Power Amplifier 3400 MHz - 3600 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 3.4-3.6 GHz Power Amplifier 3号至三月六日GHz功率放大 Single-band power amplifiers The RFS1006 power amplifier is a high-power, high-performance GaAs MESFET IC designed for use in a transmit applications in the 3.4-3.6 ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
MAX5945CAX-T MAX5945CAXT |
Quad Network Power Controller for Power-Over-LAN 4-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO36
|
Maxim Integrated Products, Inc.
|
FSB147HNY |
Meets 2013 ErP Standby Power Regulation (Less than 0.5 W Consumption with 0.25 W Load) for ATX Power and LCD TV Power
|
List of Unclassifed Manufacturers
|
TA8260AH |
Max Power 40 W BTL 4CH Audio Power IC Max Power 40 W BTL 】 4CH Audio Power IC Max Power 40 W BTL x 4CH Audio Power IC RAC15-TA(-E)(-ST) Series - Powerline Regulated AC-DC Converters; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; Features: Compact AC-DC Power
|
Toshiba Semiconductor Toshiba Corporation
|
2SK2040 2SK2040JM 2SK2040-Z 2SK2040-Z-E1 2SK2040-Z |
High-freq. SW power supply, AC adapter power MOSFET SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
|
NEC[NEC]
|
2SD1719 |
Power Device - Power Transistors - General-Purpose power amplification Silicon NPN triple diffusion planar type
|
Panasonic Semiconductor
|
FLS2100XS |
The FLS-XS series of general lighting power controllers includes highly integrated power switches for medium - to high-power lumens applications.
|
List of Unclassifed Man...
|
2SB0938 2SB0938A 2SB938 2SB938A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SD2659 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SD1444A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|