PART |
Description |
Maker |
74F38 N74F38N I74F38D I74F38N N74F38D I74F38N602 |
Quad 2-input NAND buffer (open collector) - Description: 2-Input NAND Buffer (Open Collector) ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: 64 mA ; Propagation delay: 10 ns; Voltage: 4.5-5.5 V; Package: Always Pb-free Quad 2-input NAND buffer open collector
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74F38SJ 74F38SC 74F38PC 74F38 74F38S 54F38LMQB |
RECTIFIER FAST-RECOVERY SINGLE 3A 200V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMB 3K/REEL-13 F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDIP14 Quad Two-Input NAND Buffer (Open Collector)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ABT02PWDH 74ABT02 74ABT02D 74ABT02DB 74ABT02N 74 |
Quad 2-input NOR gate ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14 Quad 2-input NOR gate - Description: Quad 2-Input NOR Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14
|
Atmel, Corp. PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74LS28 SN54LS28 SN74LS28N SN74LS28D SN54LS28J |
QUAD 2-INPUT NOR BUFFER
|
MOTOROLA[Motorola, Inc]
|
DM74LS28M DM74LS28 |
Quad 2-Input NOR Buffer
|
FAIRCHILD[Fairchild Semiconductor]
|
74ALS38AN 74ALS38 74ALS38A 74ALS38AD |
Quad 2-Input NAND buffer open collector
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74LVC125ABQ 74LVC125AD 74LVC125AD-T 74LVC125ADB 74 |
Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
|
NXP Semiconductors
|
74ALVC32 74ALVC32MTC 74ALVC32M 74ALVC32MX |
LOGIC GATE|QUAD 2-INPUT OR|AVC/ALVC-CMOS|SOP|14PIN|PLASTIC ALVC/VCX/A SERIES, QUAD 2-INPUT OR GATE, PDSO14 Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
M54HC166KT M54HC4066KT M54HC157KT M54HC237KT M54HC |
Rad-Hard 8-bit PISO Shift Register With Clear Rad-Hard Quad Bilateral Switch Rad-Hard Quad 2-Channel Multiplexer Rad-Hard 3-to-8 Line Decoder Latch Rad-Hard Hex Bus Buffer 3-State Rad-Hard 8 Bit Latch/Shift Register Rad-Hard Triple 3-Input NOR Gate Rad-Hard 3-to-8 Line Decoder Latch Inverter Rad-Hard Quad 2-Channel Multiplexer 3-State Rad-Hard Dual 2-to-4 Line Decoder/Demultiplexer Rad-Hard Octal Bus Buffer 3-State Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard 4-to-16 Line Decoder Latch Rad-Hard Dual D-Type Flip-Flop With Preset & Clear Rad-Hard 8-bit SIPO Shift Register Rad-Hard Hex Inverter Rad-Hard Octal D-Type Flip-Flop 3-State Rad-Hard Dual Retrigg. Monostable Multivibrator with Clear Rad-Hard Dual 4-Channel Multiplexer Rad-Hard 3-to-8 Line Decoder Inverter Rad-Hard Quad 2-Channel Multiplexer Inverter Rad-Hard Quad D-Type Flip-Flop With Clear Rad-Hard Quad 2-Input AND Gate Rad-Hard Dual J-K Flip-Flop With Preset & Clear Rad-Hard Hex Buffer/Converter Inverter Rad-Hard Synchronous Up/Down Binary Counter Rad-Hard Dual Binary Counter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input Schmitt NAND Gate Rad-Hard Quad 2-Input OR Gate
|
ST Microelectronics
|
74ACTQ32 74ACTQ32SC 74ACTQ32SJ |
Quad 2-input OR Gate ACT SERIES, QUAD 2-INPUT OR GATE, PDSO14 18-Bit LVTTL-To-GTLP Universal Bus Transceiver 56-SSOP -40 to 85 Quiet Series Quad 2-Input OR Gate From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
RHFAC151K01V RHFAC151K02V RHFAC157K01V RHFAC157K02 |
Rad-Hard 8-Channel Multiplexer Rad-Hard Quad 2-Channel Multiplexer Rad-Hard Hex Inverter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input NAND Gate Rad-Hard Triple 3-Input NAND Gate Rad-Hard Quad 2-Input AND Gate Rad-hard hex Schmitt inverter low power Rad-Hard Quad 2-Input OR Gate Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Latch 3-state Rad-Hard Quad exclusive OR Rad-Hard Octal Bus Buffer 3-state Rad-Hard 16-bit D-Type Latch 3-state
|
ST Microelectronics
|