PART |
Description |
Maker |
SA57000-XX |
CapFREE(TM) 150 mA, low-noise, low dropout regulator with thermal protection CapFREEE 150 mA, low-noise, low dropout
|
Philips
|
CLM2951 CLM2951AC CLM2951ACP-X CLM2951ACS-X CLM295 |
3 V, 150 mA low dropout voltage regulator 5 V, 150 mA low dropout voltage regulator 150mA Low Dropout Voltage Regulators 150mA的低压差稳压 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
NCP551SN32T1G |
150 mA CMOS Low Iq Low−Dropout Voltage Regulator 3.2 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO5
|
ON Semiconductor
|
NCP500SN25T1 NCP500SN25T1G NCP500SQL18T1 NCP500SN1 |
150 mA CMOS Low Noise Low-Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.27 V DROPOUT, PDSO5 150 mA CMOS Low Noise Low-Dropout Voltage Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO6 150 mA CMOS Low Noise Low-Dropout Voltage Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5
|
ON Semiconductor
|
NCP511_06 NCP511 NCP511SN15T1 NCP511SN15T1G NCP511 |
150 mA CMOS Low Iq Low−Dropout Voltage Regulator
|
ONSEMI[ON Semiconductor]
|
NCV500SN185T1G NCV500SN33T1G NCV500SN18T1G NCV500S |
150 mA CMOS Low Noise Low-Dropout Voltage Regulator
|
ON Semiconductor
|
UEP2A222MDD UEP2A221MED.PD UEP2A221MHD UEP2A332MED |
5 V / 150 mA LDO w/ Reset, Delay, Adjustable Reset and Early Warning USB Positive Overvoltage Protection Controller Overvoltage Protection Device 200 mA, Ultra-Low Noise, High PSSR, BiCMOS RF LDO Regulator Wide Bandwidth, 4-Channel 2:1 Video Switch Dual Output, High Accuracy, Low Dropout Regulator 1.5A Ultra-low Voltage Fast Transient Response Low Dropout Regulator 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, NON-POLARIZED, 25 V, 1000 uF, THROUGH HOLE MOUNT 80 mA CMOS Low Iq, Low-Dropout Voltage Regulator 铝电解电容器 Post Driver Regulator 铝电解电容器 150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable 铝电解电容器 500mA CMOS LDO 铝电解电容器 100 mA, 5.0V, LDO w/ Reset, Delay, and Early Warning 铝电解电容器 3.4 A, Step-Up/Step-Down/Inverting Switching Regulator (50-300 kHz) (ext temp - Auto) 铝电解电容器
|
Nichicon Corporation Nichicon, Corp. Microchip Technology, Inc.
|
TCR5SB36A TCR5SB46A TCR5SB28A TCR5SB43A TCR5SB19A |
150 mA CMOS Low-Dropout Regulator (Point Regulator) 4.6 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5
|
Toshiba Semiconductor
|
NCP4682DSQ33T1G NCP4685ESQ15T1G NCP4682HMU18TCG NV |
150 mA, Ultra Low Supply Current, Low Dropout Regulator 60 V, 24 m, 20 A, Single N?Channel Power MOSFET
|
ON Semiconductor
|
SIP21106DT-25-E3 SIP21106DT-285-E3 SIP21106DT-30-E |
150-mA Low Noise, Low Dropout Regulator
|
VISAY[Vishay Siliconix]
|
NCV8665 |
150 mA Very Low Iq Low Dropout Linear Regulator
|
ON Semiconductor
|