PART |
Description |
Maker |
IRC644 |
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A) 250V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
International Rectifier
|
IRFI9634G |
-250V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V Rds(on)=1.0ohm Id=-4.1A) Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)
|
IRF[International Rectifier]
|
IRF634 IRF634PBF |
250V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
|
IRF[International Rectifier]
|
FQA62N25C |
250V N-Channel MOSFET 62 A, 250 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET 250V N-Channel Advance Q-FET C-Series
|
Fairchild Semiconductor, Corp.
|
FQI9N25 FQB9N25 FQB9N25TM |
250V N-Channel QFET 250V N-Channel MOSFET(漏源电压50V的N沟道增强型MOSFET) 9.4 A, 250 V, 0.42 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FQI6N25 FQB6N25 FQB6N25TM |
250V N-Channel QFET 250V N-Channel MOSFET 5.5 A, 250 V, 1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRF234 IRF235 IRF236 IRF237 |
8.1A and 6.5A/ 275V and 250V/ 0.45 and 0.68 Ohm/ N-Channel Power MOSFETs 8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs 6.5 A, 275 V, 0.68 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation] Intersil, Corp.
|
IRFP244B IRFP244BFP001 |
250V N-Channel B-FET / Substitute of IRFP244 & IRFP244A 250V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFS624B IRF624B IRF624 IRF624BFP001 IRFS624BFP001 |
250V N-Channel B-FET / Substitute of IRFS624 & IRFS624A 250V N-Channel B-FET / Substitute of IRF624 & IRF624A 250V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFR12N25DPBF IRFU12N25DPBF IRFR13N20DTRPBF |
High frequency DC-DC converters HEXFET Power MOSFET ( VDSS = 250V , RDS(on)max = 0.26ヘ , ID = 14A ) HEXFET Power MOSFET ( VDSS = 250V , RDS(on)max = 0.26Ω , ID = 14A )
|
International Rectifier
|
BUZ903 |
N-channel power MOSFET. Power MOSFETs for audio applications. Drain - source voltage 250V.
|
Magnatec
|