PART |
Description |
Maker |
LTV4N25 LTV4N25-V LTV4N25M-V LTV4N25S-V LTV4N26 LT |
MicroFit 3.0 SR Vert SMT Nail 15Au 3Ckt RoHS Compliant: Yes GENERAL PURPOSE TYPE PHOTOCOUPLER 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
http:// LITEON[Lite-On Technology Corporation] 光宝科技股份有限公司 Lite-On Technology, Corp. LITE-ON ELECTRONICS INC Lite-On Technology Corp...
|
43045-0217 43045-2015 43045-0815 |
Microfit 3.0 Vert SMT/Clip DR 30Au 2 Ckt 2 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT Microfit 3.0 Vert SMT/Clip DR Tin 20 Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT 430450815 8 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
43650-0519 43650-0518 43650-0220 43650-0820 |
MicroFit 3.0 SR Vert TH Clip 15Au 5Ckt 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH Clip Tin 5Ckt 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH Clip 30Au 2Ckt 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH Clip 30Au 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
68301-1006 68301-1069 68301-1035 68301-1028 68301- |
Header; No. of Contacts:5; Pitch Spacing:2.54mm; No. of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 18 Ckt Tin 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 7 ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR SB Vert SMT Hdr 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 3 ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 8POS .100 VERT 15AU 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 14 Ckt Tin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CH 100 Single Row Vert SMT 2ckt 30au CH 100 Single Row Vert SMT 3ckt 30au
|
Molex, Inc. MOLEX INC
|
1050801001 SD-105080-001 |
2.00mm (.079) Pitch Battery Connector with Fitting Nail, SMT, Contact Width 0.60mm(.024) 2.00mm (.079") Pitch Battery Connector with Fitting Nail, SMT, Contact Width 0.60mm(.024") MOLEX Connector
|
Molex Electronics Ltd.
|
76341-450HLF 76341-402HLF 76341-302HLF 76341-350HL |
BtB RECEPT VERT SR SMT
|
FCI connector
|
89847-450HLF 89847-402HLF 89847-02HLF 89847-302HLF |
BtB RECEPT VERT SR SMT
|
FCI connector
|
71991-850HLF 71991-802HLF 71991-350HLF 71991-402HL |
BtB RECEPT VERT SR SMT
|
FCI connector
|
75915-802GLF 75915-802HLF 75915-850HLF 75915-302GL |
BtB RECEPT VERT SR SMT
|
FCI connector
|
95157-104LF |
BERGSTIK II HEADER DR .100cc DUPLEX VERT. SMT
|
FCI connector
|
99-3422-34 |
Nail Type Blind Rivet
|
Alcoa international inc.
|
|