PART |
Description |
Maker |
LT1946/LT1946A LT1615/LT1615-1 LTC3400/LTC3400B LT |
4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN AMHz的双相升压直直流转换器采mm 3mm的DFN封装 4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN 4AMHz的双相升压直直流转换器采mm 3mm的DFN封装
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC3539-2-15 LTC3407-4-15 |
2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
MAX1692212 |
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
|
Maxim Integrated Products
|
MAX8833ETJ MAX883309 |
Dual, 3A, 2MHz Step-Down Regulator
|
Maxim Integrated Products
|
MAX8855 MAX8855ETJ MAX885509 |
Dual, 5A, 2MHz Step-Down Regulator
|
Maxim Integrated Products
|
LTC3868EGN-1TRPBF LTC3868-1-15 |
Low IQ, Dual 2-Phase Synchronous 2-Phase Synchronous Step-Down Controller; Package: 28-SSOP; Temperature Range: –40°C to 125°C DUAL SWITCHING CONTROLLER, 900 kHz SWITCHING FREQ-MAX, PDSO28 Low IQ, Dual 2-Phase Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
LTC1876 |
High Efficiency, 2-Phase, Synchr., Dual, Step-Down Sw. Contr. W/ Step-Up Reg.
|
Linear
|
RT8064 RT8064ZQW |
2A, 2MHz, Synchronous Step-Down Converter High Efficiency : Up to 95%, Adjustable Frequency : 200kHz to 2MHz
|
Richtek Technology Corp...
|
SC2447TSTRT SC2447EVB |
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
|
Semtech Corporation
|
MAX1875 MAX1875EEG MAX1875-MAX1876 MAX1876 MAX1876 |
Dual 180° Out-of-Phase PWM Step-Down Controllers with POR Dual 180 Out-of-Phase PWM Step- Down Controllers with POR Dual 180?? Out-of-Phase PWM Step-Down Controllers with POR Dual 180∑ Out-of-Phase PWM Step- Down Controllers with POR
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX8654 |
8A 1.2MHz Step-Down Regulator
|
Maxim Integrated Products
|