PART |
Description |
Maker |
LTC1873 |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID(550kHz,同步2相开关稳压器(位VID))
|
Linear Technology Corporation
|
LTC3802EGN LTC3802EUH LTC3802EGNTRPBF LTC3802-15 |
Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C DUAL SWITCHING CONTROLLER, 850 kHz SWITCHING FREQ-MAX, PDSO28 Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC1703IGPBF LTC1703IG |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
LTC3880-1 LTC3850 LTC3850-1 LTC3850-2 LTC3869-2 LT |
550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A SWITCHING CONTROLLER, 590 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
ADP1876-EVALZ ADP1876 |
600kHz Dual Output Synchronous Buck PWM Controller Plus Linear Regulator 600 kHz Dual Output Synchronous Buck
|
Analog Devices
|
CYD36S18V18-167BGXC CYD36S36V18-167BGXC CYD36S36V1 |
FullFlex(TM) Synchronous SDR Dual-Port SRAM; Density: 36 Mb; Organization: 2Mb x 18; Vcc (V): 1.7 to 1.9 V; Speed: 167 MHz 2M X 18 DUAL-PORT SRAM, 4 ns, PBGA484 FullFlex(TM) Synchronous SDR Dual Port SRAM; Density: 36 Mb; Organization: 1Mb x 36; Vcc (V): 1.7 to 1.9 V; Speed: 167 MHz 1M X 36 DUAL-PORT SRAM, 4 ns, PBGA484 FullFlex™ Synchronous SDR Dual Port SRAM 1M X 36 DUAL-PORT SRAM, 3.3 ns, PBGA484 FullFlex™ Synchronous SDR Dual Port SRAM 256K X 72 DUAL-PORT SRAM, 3.3 ns, PBGA484 FullFlex™ Synchronous SDR Dual Port SRAM 512K X 18 DUAL-PORT SRAM, 4 ns, PBGA256 FullFlex™ Synchronous SDR Dual Port SRAM 512K X 18 DUAL-PORT SRAM, 3.3 ns, PBGA256 FullFlex™ Synchronous SDR Dual Port SRAM 512K X 72 DUAL-PORT SRAM, 3.3 ns, PBGA484
|
Cypress Semiconductor, Corp.
|
CY7C0853V-133BBXI CY7C0852AV-167AXC CY7C0851AV-133 |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 128K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 64K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172
|
Cypress Semiconductor, Corp.
|
LTC3539-2-15 LTC3407-4-15 |
2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
AP3421A AP3421DNTR-G1 |
1.3MHz, DUAL 1.0A SYNCHRONOUS STEP-DOWN CONVERTER 1.3MHz, DUAL 1.0A SYNCHRONOUS STEP-DOWN CONVERTERS
|
Diodes
|