PART |
Description |
Maker |
LTC3802 LTC3802EGN LTC3802EUH |
Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
|
Linear Technology
|
LTC1703 17023P |
Dual 550kHz Synchronous 5V-to-2.x/1.xV Switching Regulator Controllers with VID From old datasheet system
|
Linear
|
LTC1703IGPBF LTC1703IG |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
LTC3826IG-1 LTC3826IG-1-PBF LTC3826IG-1-TR LTC3826 |
30µA IQ, Dual, 2-Phase Synchronous Step-Down Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller 30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
LINEAR TECHNOLOGY CORP
|
IDT70V9269L12PRF IDT70V9269L12PRFI IDT70V9279S9PRF |
32K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 16K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through From old datasheet system Small Signal Diode HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 12 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 18 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 高.3 32K的16 SYNCHRONOU S双,端口静态内
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT70V7599S IDT70V7599S-133BCI IDT70V7599S-133BFI |
128K x 36 Synchronous Bank-Switchable Dual-Port SRAM HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 高速与3.3V 3.3V28K的36 SYNCHRONOU开户银行可切换双端口静态RAM.5V的接
|
IDT Integrated Device Technology, Inc.
|
MIC2230-GFHYML MIC2230-GSYML MIC2230-SSYML MIC2230 |
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator 1.8 A SWITCHING REGULATOR, 2875 kHz SWITCHING FREQ-MAX, PDSO12 Dual Synchronous DC/DC Regulator
|
Micrel Semiconductor MICREL INC
|
LTC3539-2-15 LTC3407-4-15 |
2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
HD74LS193 74LS193 HD74LS193P |
Synchronous Up/Down 4-bit Binary Counter with Dual Clock Lines Synchronous Up/Down 4-bit Binary Counters(dual clock lines) Synchronous Up/Down Counter 同步减计数器
|
HITACHI[Hitachi Semiconductor] Renesas Electronics, Corp.
|
MCM69D618 MCM69D618TQ6 MCM69D618TQ6R MCM69D618TQ8 |
64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM From old datasheet system
|
Motorola, Inc.
|
SC2446A |
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
|
Semtech Corporation
|